PART |
Description |
Maker |
MAX1064 MAX1060 MAX1064BEEG MAX1060ACEI MAX1060AEE |
"400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1090 MAX1090ACEI MAX1090AEEI MAX1092 MAX1090BCE |
400ksps / 5V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MAX1292BCEG MAX1290AEEI MAX1292BEEG MAX1292ACEG MA |
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
|
Maxim Integrated Products, Inc.
|
MAX1090AEEI MAX1092BCEG MAX1092BEEG |
400ksps / 5V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
Maxim Integrated Products, Inc.
|
MAX1282 MAX1282BCUE MAX1282BEUE MAX1282-MAX1283 MA |
300ksps/400ksps / Single-Supply / 4-Channel / Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference 300ksps/400ksps Single-Supply 4-Channel Serial 12-Bit ADCs with Internal Reference
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LTC1852IFWPBF LTC1852IFWTR |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
|
Linear Technology
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
LTC1417C LTC1417I LTC1417 LTC1417ACGN LTC1417IGN L |
Low Power 14-Bit/ 400ksps Sampling ADC Converter with Serial I/O Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
|
Linear Technology
|
AD7813 |
8-/10-Bit Sampling ADC(400kSPS,810位采样A/D转换 8-/10-Bit采样ADC(以00 kSPS 10位采样的A / D转换器)
|
Analog Devices, Inc.
|
PI74FCT162244TSP PI74FCT162Q244DTB PI74FCT162Q244A |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
ON Semiconductor
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|