PART |
Description |
Maker |
2SC3114 2SA1246 2SA1246R |
High-VEBO,AF Amp Applications 高VEBO,自动对焦放大器应用 High-VEBO/AF Amp Applications High-VEBOAF Amp Applications High-VEBO,AF Amp Applications 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
2SC4634 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits High-Voltage Amp, High-Voltage Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
ISL8014IRZ-T |
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 6.6 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|
ISL4314305 ISL43145IVZ ISL43143 ISL43143IR ISL4314 |
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC16
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT3743IUFDTRPBF |
High Current Synchronous Step-Down LED Driver with Three-State Control, QFN, 28 Pins, Temperature Range: –40°C to 125°C. Tape and Reel
|
LINEAR TECHNOLOGY CORP
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EDI8F32259V20MZC EDI8F32259V20MNC EDI8F32259V12MNC |
High Speed, Monolithic Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
Air Cost Control
|
ISL9016IRUJCZ-T ISL9016IRUJJZ-T ISL9016IRUJWZ-T IS |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Intersil, Corp. Intersil Corporation
|
FPQ331 FPQ76 PMQPW250 PMQ440 |
Analog IC High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C 高压大电流SOT-23封装检测放大器,封装类型:SOT;引脚数量:5;工作温度:0℃_70 High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 模拟IC
|
Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|