PART |
Description |
Maker |
OM3909SC OM3901SC OM3902SC OM3903SC OM3904SC OM390 |
Hi-Rel Fixed Voltage Dual Regulator DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压双调 Dual Output Voltages, 1.5 Amp Fixed Voltage Regulators(双输出电( 15V,-12V) 1.5A固定稳压 双输出电压,1.5安培固定稳压器(双输出电压(15V的,- 12V的)1.5A的固定稳压器
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers International Rectifier, Corp.
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
BYV29300M BYV29-300M BYV29-400M BYV29-500M BYV29-3 |
300V, 9A Fast Recovery Rectifier diode 3 A low drop positive voltage regulator adjustable and fixed 1.5 A low drop positive voltage regulator adjustable and fixed 快恢复整 Hermetically Sealed Fast Recovery Silicon Rectifier For HI-REL Application(气密封装的快速恢复硅整流HI-REL应用)) 密封快恢复硅整流对于高可靠性的应用(气密封装的快速恢复硅整流器(高可靠性应用) HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 8 A, 500 V, SILICON, RECTIFIER DIODE, TO-257AB
|
SEME-LAB[Seme LAB] Infineon Technologies AG NXP Semiconductors N.V. TT electronics Semelab, Ltd.
|
OM7648SM OM7649SM OM7650SM |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT POSITIVE 0.5 VOLT, LOW DROPOUT VOLTAGE REGULATOR
|
International Rectifier ETC
|
OM7609SRM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
International Rectifier
|
OM7815SM OM7812SM OM7805SM |
SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
OM8503SF OM8503SC |
Hi-Rel Fixed 6.8V Linear Regulator in a MO-078AA Package 高可靠性固.8V时线性稳压器MO - 078AA封装 Hi-Rel Fixed 6.8V Linear Regulator in a 8-Pin FLAT-PAK Package
|
Tektronix, Inc. International Rectifier
|
OM8508SF OM8508SC |
Hi-Rel Fixed 3.3V Linear Regulator in a 8-Pin FLAT-PAK Package Hi-Rel Fixed 3.3V Linear Regulator in a MO-078AA Package
|
International Rectifier
|
OM8502SF OM8502SC |
Hi-Rel Fixed 5V Linear Regulator in a 8-Pin FLAT-PAK Package Hi-Rel Fixed 5V Linear Regulator in a MO-078AA Package
|
International Rectifier
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
KA78R12CTSTU KA78R12CTU KA78R33CYDTU KA78R05C KA78 |
1A Fixed 3.3V Low Dropout Voltage Regulator (LDO) 1A Fixed 15V Low Dropout Voltage Regulator (LDO) 1A Fixed 12V Low Dropout Voltage Regulator (LDO) 1A Fixed 8V Low Dropout Voltage Regulator (LDO) 1A Fixed 9V Low Dropout Voltage Regulator (LDO) 1A Fixed 5V Low Dropout Voltage Regulator (LDO) 1A Output Low Dropout Voltage Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|