PART |
Description |
Maker |
BA7181 BA7181FS A5801059 |
Video LSIs > VCR video signal processor > PRE/REC amplifier From old datasheet system 2-channel PRE / REC amplifier with auto-tracking interface
|
ROHM[Rohm] Rohm CO.,LTD.
|
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
BA7757 BA7757BK A5801054 |
Switchless REC / PB amplifier for standard audio signal processing From old datasheet system Switchless REC / PB Amplifier for Standard Audio Signal Processing(用于标准音频处理的REC/PB放大
|
ROHM[Rohm] Rohm CO.,LTD.
|
51102-0900 51102-0500 51102-0400 |
2.5 W/B REC HSG FRIC LOCK 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:5; Series:Mini-Lock; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.098" RoHS Compliant: Yes 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 2.5 W/B REC HSG FRIC LOC 511020400
|
Molex, Inc. MOLEX INC
|
CPW5-0650-Z050B |
Z-Rec? Rectifier
|
Wolfspeed
|
10-63-3034 10-63-3064 0010-63-3024 10-63-3044 10-6 |
SPOX 5/7.5 PITCH REC HSG
|
Molex Electronics Ltd.
|
2KMD20SJ |
SCHOTTKY BARRIER BRIDGE REC
|
Rectron Semiconductor
|
1N5408-TP |
DIODE STD REC 3A 1000V DO201AD
|
MICRO COMMERCIAL COMPONENTS
|
0524840410 52484-0410 |
2.0 W/B CONN. IDT REC. HSG ASSY
|
Molex Electronics Ltd.
|
|