PART |
Description |
Maker |
TC620CCOA TC620CCPA TC620CEOA TC620CEPA TC620HCOA |
5V, DUAL TRIP POINT TEMPERATURE SENSORS 5V的双跳变点温度传感器 (TC620 / TC621) DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
TC623CCOA TC623CCPA TC623CVOA TC623CEOA TC623CEPA |
3V, Dual Trip Point Temperature Sensor
|
MICROCHIP[Microchip Technology]
|
TC623HEPA TC623HCOA TC623HVOA |
3V, dual trip point temperature sensor. Voltage operation 2.7V to 4.5V
|
TelCom Semiconductor
|
NCT24DR2 |
Low Cost Single Trip Point Temperature Sensor DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 5Cel, RECTANGULAR, SURFACE MOUNT
|
ON Semiconductor
|
PM574 PM566 PM568 PM556 |
Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: 0°C Precision Dual Supply Monitor with Pin-Selectable Thresholds; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C Analog IC Precision Quad Supply Monitor in 6-Lead SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C
|
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
NCT65 NCT65DMR2G |
Remote Trip Point Temperature Sensor
|
ON Semiconductor
|
NCT22-D |
Low Cost Single Trip Point Temperature Sensor
|
ON Semiconductor
|
MF-R400-2-99 MF-R005-2-99 MF-R010-2 MF-R135-2-99 M |
Radial Lead Resettable Fuses 30volt 40amp Hold 4 Trip 8 RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT Radial Lead Resettable Fuses 60volt 40amp Hold .05 Trip .3 RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT PTC - RADIAL LEADED CURRENT LIMITER, PTC, .1A, 60V,/T/R RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT Radial Lead Resettable Fuses 30volt 40amp Hold 1.35 Trip 2.7 RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT Radial Lead Resettable Fuses 60V .25A-HD 40A MAX (R) RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Bourns, Inc.
|
623-5D 623-5J 623-5W 623-50D 623-50J 623-50W 623-1 |
Resistor-Programmable SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches 5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference Logic IC 逻辑IC
|
Xicon Passive Components Glenair, Inc. Electronic Theatre Controls, Inc.
|
MAX6575 MAX6575H MAX6575HZUT MAX6575L MAX6575LZUT |
DIGITAL TEMP SENSOR-SERIAL, 5Cel, RECTANGULAR, SURFACE MOUNT SOT-23, 6 PIN SOT Temperature Sensor with Multidrop Single-Wire Digital Interface SOT Temperature Sensor with Multidrop Single Wire Digital Interface
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|