PART |
Description |
Maker |
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
IRLML6401TRPBF |
-12V Single P-Channel HEXFET Power MOSFET in a Micro 3 package
|
International Rectifier
|
IRLML6401TRPBF-1 IRLML6401PBF-1-15 |
-12V Single P-Channel HEXFET Power MOSFET in a Micro 3 package Compatible with Existing Surface Mount Techniques
|
International Rectifier, Corp.
|
IRF7338 IRF7338TR |
12V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFIB41N15D IRFSL41N15D IRFB41N15D IRFS41N15D IRFI |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220 Full-Pak(Iso)
|
IRF[International Rectifier]
|
IDT61298S25TC IDT61298S25TCB IDT61298S25L28B IDT61 |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package x4的SRAM x4 SRAM x4的SRAM
|
STMicroelectronics N.V. Unisonic Technologies Co., Ltd. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLBA1304P IRLBA1304 |
HEXFET? Power MOSFET 40V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package HEXFET Power MOSFET(HEXFET 功率MOS场效应管)
|
International Rectifier
|
IRF2907Z IRF2907ZL IRF2907ZS IRF2907S IRF2B907Z IR |
AUTOMOTIVE MOSFET 汽车MOSFET 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ34VL IRFZ34VS |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Advanced Process Technology
|
IRF[International Rectifier]
|