PART |
Description |
Maker |
IRHNJ7330SE JANSR2N7465U3 IRHNJ7330SE-15 |
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5) Simple Drive Requirements 400V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-0.5 package 400V 100kRad Hi-Rel Single N-Channel U3 Hardened MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
JANSR2N7391 IRHM7360SE |
400V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package 400V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package
|
International Rectifier
|
AM29C509PCB AM29C509-1/BXC AM29C509-1DC AM29C509-2 |
Multiplier/Accumulator -30V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA597Z60 with optional Total Dose Rating of 300kRads 60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 Surface Mount package; Similar to IRHLNA797064 with optional Total Dose rating of 300kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a Low-Ohmic TO-257AA package; A IRHYB67230CM with Standard Packaging 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-205AF package; A IRHF57234SE with Standard Packaging -60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-0.5 package; A IRHNJ597034 with Standard Packaging 500V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package; A IRHM7450SE with Standard Packaging 乘法累加 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-2 package; A IRHNA57264SE with Standard Packaging 乘法累加
|
AverLogic Technologies, Corp.
|
IRHI7360SE |
Simple Drive Requirements 400V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-259AA package
|
International Rectifier
|
OM6009SA OM6010SA OM6011SA OM6012SA OM6109SA OM611 |
500V Single N-Channel Hi-Rel MOSFET in a D3 package 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 200V Single N-Channel Hi-Rel MOSFET in a D3 package 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package POWER MOSFETS IN HERMETIC ISOLATED 100V Single N-Channel Hi-Rel MOSFET in a D3 package 100V的单个N -沟道高可靠性的D3的封装MOSFET
|
International Rectifier List of Unclassifed Manufacturers ETC ITT, Corp.
|
IRHNB7360SE |
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3) 400V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
JANTXV2N6760 JANTX2N6760 IRF330 |
400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
|
IRF[International Rectifier]
|
IRHNJ57034 |
60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package
|
International Rectifier
|
IRHN9150SCS |
-100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-1 package
|
International Rectifier
|