PART |
Description |
Maker |
IRF7832ZTR PB-IRF7832Z |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
PB-IRLI2203N |
Leaded 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier
|
IRF3707Z IRF3707ZS IRF3707ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
AM29F400B-75FC AM29F400B-75SC AM29F400B-75EC AM29F |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP064V with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ24N with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU120N with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010EL with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3710ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFZ46NL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRF1010N with Lead-Free Packaging. 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7466 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2505S with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3911 with Lead Free Packaging 40V Single N-Channel Automotive HEXFET Power MOSFET in a TO-220AB package; Similar to IRF4104 with Lead Free Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR3303 with Lead Free Packaging x8/x16闪存EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRLZ24N with Standard Packaging x8/x16闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7821 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3707ZCL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL8113L with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7484 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3910 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3910 with Lead Free Packaging 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR2908 with Lead Free Packaging
|
Rochester Electronics, LLC Amphenol, Corp. Advanced Micro Devices, Inc.
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
HP4410DY FN4468 HP4410 HP4410DYT |
From old datasheet system 10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET 10A/ 30V/ 0.0135 Ohm/ Single N-Channel/ Logic Level Power MOSFET TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 30V V(BR)DSS | 10A I(D) | SO 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRF6678TR1 |
Leaded A 30V N-channel HEXFET Power MOSFET with 20 volt gate in the DirectFET MX package rated at 150 amperes.
|
International Rectifier
|
RF1K49157 |
6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET Enhancement Mode Power MOSFET 6.3A, 30V, AVALANCHE RATED, SINGLE N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 6.3A, 30V, Avalanche Rated, Single N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|
IRFP3703 |
30V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A?
|
International Rectifier
|
IRL2203S IRL2203STRR IRL2203STRL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A?
|
International Rectifier
|