PART |
Description |
Maker |
CM105B105K16A MCR01PZPZF4302 BD50HA5WEFJ-E2 MCR01P |
500mA Variable Fixed Output LDO Regulators
|
Rohm
|
TC1262 TC1262-2.5VAB TC1262-2.5VDBTR TC1262-2.5VEB |
The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... The TC1262 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1262’s CMOS construction eliminates wasted ground current, significantly extendi 500mA fixed output CMOS LDO, 2.5V 500mA fixed output CMOS LDO, 2.8V
|
Microchip Technology
|
7P128FLF1200C20 7P128FLF1200C25 7P128FLF1201C20 7P |
VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R 周边杂项 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R 周边杂项 Peripheral Miscellaneous 周边杂项 High Density FLASH Memory Card 32, 64, 96, 128, 160, 192 MB(32, 64, 96, 128, 160, 192M字节高密度闪速存储器 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 5-DDPAK, T/R 800mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-TO-220, TUBE 800mA Fixed Output CMOS LDO, -40C to 125C, 3-DDPAK, T/R 500mA Fixed Output CMOS LDO with Shutdown, -40C to 125C, 8-SOIC 150mil, T/R PeripheralMiscellaneous
|
Bourns, Inc.
|
RT9167-30CB RT9167-30CBR RT9167-30CS RT9167A-15CB |
LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR
|
ETC
|
BD70GA3WEFJ-E2 BD70GA3WEFJ-TR BD70GA3WNUX-TR BD70G |
300mA Variable / Fixed Output LDO Regulators
|
Rohm
|
BD00HC5WEFJ-E2 BD33HC5WEFJ-E2 |
1.5A Variable / Fixed Output LDO Regulators 1.5A Variable / Fixed Output LDO Regulators
|
Rohm
|
MIC5216-3.3BM5 MIC5216-3.3BMM MIC5216-3.3YM5 MIC52 |
500mA-Peak Output LDO Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MIC523707 MIC5237-3.3BU MIC5237-3.3YU MIC5237-2.5Y |
500mA Low-Dropout Regulator IC REG LDO 500MA 3.3V TO263 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3
|
Micrel Semiconductor, Inc.
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
P6KE440A P6KE200 P6KE6.8 P6KE100A P6KE82 P6KE33 P6 |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 5-DDPAK/TO-263 -40 to 125 CASE INST STY GRY11.02X7.87X3.00 Single Output LDO, 500mA, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 16-Bit Edge-Triggered D-Type Flip-Flops with 3-State Output 48-TSSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Quadruple 1-of-2 Data Selectors/Multiplexers with 3-State Outputs 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp. Diodes, Inc. SEMIKRON Micro Commercial Compon...
|
UA78M05CDC |
5V, 500mA Fixed Positive Voltage Regulator
|
TI
|
|