PART |
Description |
Maker |
BCM857BS BCM857BV BCM857BV115 BCM857DS135 BCM857DS |
PNP/PNP matched double transistors; Package: SOT457 (SC-74); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
PBSS5160DS PBSS5160DS115 PBSS5160DS-15 |
60 V, 1 A PNP/PNP low VCEsat (BISS) transistor 60 V, 1 A PNP low VCEsat (BISS) transistor; Package: SOT457 (SC-74); Container: Tape reel smd 1000 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
SLA4390 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
2N2905A |
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 High Speed, Saturated Switch PNP Silicon Transistor(高速、饱和开关型PNP硅晶体管) 高速,饱和硅晶体管开关进步党(高速,饱和开关型进步党硅晶体管)
|
TT electronics Semelab, Ltd. STMicroelectronics N.V. SEME-LAB[Seme LAB]
|
MMST39062 MMST3906-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS PNP BIPOLAR 40V SOT323 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
2SA812-M4 2SA812-M5 2SA812-M6 2SA812-M7 M7-TP |
PNP Silicon Epitaxial Transistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components
|