PART |
Description |
Maker |
IRF5Y3315CM |
150V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
|
IRF[International Rectifier]
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
8EQ045 |
The 8EQ045 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments 肖特基整流器EQ045已明确,旨在满足高新技术的严格要求- REL的环 10V 45A Hi-Rel Schottky Discrete Diode in a 18-pin LCC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
83CNQ080ASM 83CNQ080A 83CNQ100ASM 83CNQ100ASL 83CN |
80V 80A Schottky Common Cathode Diode in a D61-8-SL package 100V 80A Schottky Common Cathode Diode in a D61-8-SL package 80V 80A Schottky Common Cathode Diode in a D61-8-SM package 100V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER From old datasheet system
|
IRF[International Rectifier]
|
40CTQ150 40CTQ150-1 40CTQ150S |
150V 40A Schottky Common Cathode Diode in a TO-262 package 150V 40A Schottky Common Cathode Diode in a D2-Pak package 150V 40A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER
|
International Rectifier
|
OM5219XX OM5218RC OM5218XX OM5235DC OM5235RC OM523 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 100V0A条高可靠性超快速共阴极二极管采用TO - 258AA封装 HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER 100V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 300V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 400V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 600V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 150V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package 200V 30A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-258AA package
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
SB30-45-25 SB30-40-258RM SB30-40-258M SB30-40-258A |
Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阳极连) 双肖特基二极管在TO258金属封装,高可靠性的应用(共阳极)(双肖特基势垒二极管(高可靠性应用,TO258金属封装,共阳极连接)) DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-258AA Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,TO258金属封装,串行连接)) Dual Schottky Barrier Diode In TO258 Metal Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,TO258金属封装,共阴极连)
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
IRHNJ63134SCS |
150V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package also available with Total Dose Rating of 300kRads
|
International Rectifier
|
85CNQ015 85CNQ015SM 85CNQ015SL |
15V 80A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER 80 Amp 15V 80A Schottky Common Cathode Diode in a D61-8-SM package 15V 80A Schottky Common Cathode Diode in a D61-8-SL package
|
IRF[International Rectifier]
|
88CNQ060ASERIES 88CNQ060ASM 88CNQ060A 88CNQ060ASL |
60V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|