PART |
Description |
Maker |
PS7241H1A-E3 PS7241H1A-F3 PS7241H1A-F4 |
FET-OUTPUT OPTOCOUPLER Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a Lead-Free 8-Lead SOIC 场效应管输出光耦合
|
HIROSE ELECTRIC Co., Ltd.
|
7160 7161 7156 7163 7151 7154 7155 7157 7159 7162 |
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps Submicro Axial Lead LampMicro Axial Lead LampsAxial Lead Lamps
|
GILWAY[Gilway Technical Lamp]
|
1.5KE36A-G 1.5KE36CA-G 1.5KE7.5A-G 1.5KE600CA-G 1. |
Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
AD5142ABRUZ100-RL7 EVAL-AD5142ADBZ AD5142ABCPZ10-R |
The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm × 3 mm LFCSP and a 16-lead TSSOP.
|
Analog Devices
|
5972 |
24 Lead SSOP Test Clip 0.65 mm Lead Pitch
|
Pomona Electronics
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
ADM6384YKS29D1-RL7 ADM6384YKS29D3-RL7 ADM6384YKS23 |
Microprocessor Supervisory Circuit in 4-Lead SC70 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 LEAD FREE, EIAJ, SC-82, SC-70, 4 PIN
|
AD[Analog Devices] Toshiba, Corp. ANALOG DEVICES INC
|
S419-06 S424-06 |
1mm Blade Vertical Tab, reeled, 0.64mm thick, tin/lead BRASS, TIN LEAD FINISH, PCB TERMINAL 3.6mm Blade Vertical Test Point Terminal, 0.8mm thick, reeled, tin/lead
|
Harwin PLC HARWIN INC
|
225P 225P56301WA1 |
CAPACITOR, FILM/FOIL, POLYESTER, 100 V, 0.056 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Polyester Capacitors Filmite㈢ “E”, ORANGE DROP㈢, Radial Lead Polyester Capacitors Filmite庐 ???? ORANGE DROP庐, Radial Lead Polyester Capacitors Filmite? “E? ORANGE DROP?, Radial Lead
|
KEMET, Corp. Vishay Siliconix
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
HI5714 HI5714_4CB HI5714_6CB HI5714_8CB HI5714EVAL |
INSULATOR FOR TO-18 INSUL/16 LEAD DIP .3IN .03IN DISCRETE COMPONENT AND CAPACITOR MOUNT, LEAD SPACE=.100(2.5) OVERALL HEIGHT=.045(1.1), MOLDED FROM 94V-2 NYLON PER ASTM D 4066 RoHS Compliant: Yes 8-Bit, 40/60/75/80 MSPS A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AD7810 AD7810YN AD7810YR AD7810YRM |
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP 2.7 V to 5.5 V 2 us 10-Bit ADC in 8-Lead microSOIC/DIP ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 2.7 V to 5.5 V/ 2 us/ 10-Bit ADC in 8-Lead microSOIC/DIP
|
AD[Analog Devices] Analog Devices, Inc.
|
|