PART |
Description |
Maker |
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|
NESG2101M05-T1 NESG2101M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
M93S56-BN3 M93S46-BN3 M93S56-MN3 M93S56-MN3G M93S5 |
Quadruple 2-Input Positive-NAND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TVSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 20-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 18-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 36-Bit Registered Bus Transceivers with 3-State Outputs 100-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Triple 3-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-PDIP -40 to 85 4Kbit2KbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 12-Bit To 24-Bit Multiplexed D-Type Latches With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 16-Bit Buffers/Drivers With 3-State Outputs 48-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SOIC -40 to 85 RECTIFIER STANDARD SINGLE 10A 100V 100 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 DIODE VOLT SUP TRAN BIPLR DO-201 36-Bit Bus Transceivers With 3-State Outputs 100-LQFP -40 to 85 25-Ohm Octal Bus Transceivers With 3-State Outputs 24-PDIP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 Triple 3-Input Positive-NAND Gates 14-SOIC -40 to 85 Triple 3-Input Positive-NAND Gates 14-PDIP -40 to 85 Triple 3-Input Positive-NAND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-PDIP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Scan Test Devices With 18-Bit Transceivers And Registers 64-LQFP -40 to 85 TVS UNI-DIR 51V 1500W DO-201 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-SSOP -40 to 85 12-Bit to 24-Bit Multiplexed D-Type Latches With Series-Damping Resistors And 3-State Outputs 56-SSOP -40 to 85 RECTIFIER STANDARD SINGLE 10A 600V 600 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 TVS UNI-DIR 33V 1500W DO-201 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-TSSOP -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
HDSP-315G- HDSP-315Y- HDSP-315Y-GL100 HDSP-315G-IN |
10 mm and 13 mm Slim Font Seven Segment Displays RESISTOR 68 OHM 3.5W 700 JOULE 10毫米3毫米超薄字体七段显示 RES ALUM HOUSED WW 150 OHM 5W 10毫米3毫米超薄字体七段显示 Ceramic Composition Resistor; Series:A; Resistance:22ohm; Resistance Tolerance: /- 10%; Power Rating:3.5W; Operating Temperature Range:-55 C to 150 C; Resistor Element Material:Ceramic; Voltage Rating:1000VDC RoHS Compliant: Yes 10毫米3毫米超薄字体七段显示 DC OUTPUT MODULE 24V 10毫米3毫米超薄字体七段显示 T1 CABLE DB15M-DB15F STRAIGHT 10毫米3毫米超薄字体七段显示 T1 CABLE DB15M-RJ48 STRAIGHT P 10毫米3毫米超薄字体七段显示 10 mm and 13 mm Slim Font Seven Segment Displays 10毫米3毫米超薄字体七段显示 MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 F-BLCK CAT5E PATCH CORD 10 FOOT GREEN CAT5E PATCH CORD 6 FOOT RED Mezzanine 1.0 BtB Rec Assy 30 SAu 64Ckt MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 F - GR CAT5E PATCH CORD 100MHZ 7 FOOT RED CAT5E PATCH CORD 25 FOOT GREEN CAT5E PATCH CORD 25 FOOT RED CAT5E PATCH CORD 20 FOOT RED CAT5E PATCH CORD 100MHZ 5 FOOT RED CAT5E PATCH CORD 10 FOOT RED CAT5E PATCH CORD 100MHZ 2 FOOT RED CAT5E PATCH CORD 1 FOOT RED CAT5E PATCH CORD 100MHZ 4 FOOT RED CAT5E PATCH CORD 20 FOOT GREEN CAT5E PATCH CORD 100MHZ 7 FOOT GREEN CAT5E PATCH CORD 6 FOOT GREEN CAT5E PATCH CORD 50 FOOT GREEN MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 M-BLCK MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F - GR MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F-BLCK CAT5E PATCH CORD 15 FOOT RED MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F - RED CAT5E PATCH CORD 3 FOOT RED CAT5E PATCH CORD 30 FOOT GREEN CAT5E PATCH CORD 15 FOOT GREEN CAT5E PATCH CORD 100MHZ 5 FOOT GREEN CAT5E PATCH CORD 100 FOOT GREEN Connector assemblies, Network cables; Connector Type A:RJ45 Plug; Connector Type B:RJ45 Plug CAT5E PATCH CORD 50 FOOT RED YELLOW CAT5 PATCH CORD 15 FEET CAT5E PATCH CORD 100 FOOT RED MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 M - GR MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 M -BLCK MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 M - RED DB9 FEMALE-FEMALE EMI/RFI GENDER CHANGER MODULAR ADAPTER KIT RJ45(8 WIRE)-DB15 F(BLCK) MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F - GY HOOD DB50 PLASTIC 25 PACK MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F - BL MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 F -RED DB15 MALE-MALE EMI/RFI GENDER CHANGER MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 F - YL MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 M - BL MODULAR ADAPTER KIT RJ45(8 WIRE)- DB15 M-BLCK MODULAR ADAPTER KIT RJ45(8 WIRE)- DB25 F - BL 6 SUN WIZARD MP CABLE W/ AUDIO 16 PS/2 WIZARD MP CABLEW/ AUDIO T1 FIBER MUX XL-DC POT 10 OHM 3/8 SQ CERM SL MT Terminal Block Jumper; For Use With:12, 14, 24, 71, 72, 75, 76, 77 RoHS Compliant: Yes CAT5E PATCH CORD 30 FOOT RED HANDTOOL FOR 44915 PLUGS CAP 0.15UF 50V 0.2 Z5U RAD-.10IN .200X.260 CONF T&R Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 25V; Case Size: 6.3x11 mm; Packaging: Bulk Mounting Bracket; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 470uF; Voltage: 25V; Case Size: 10x16 mm; Packaging: Bulk 6-FT KVM CABLE FOR USE WITH KV7020A & KV7021A 9-FT KVM CABLE FOR USE WITH KV7020A & KV7021A 2 SERVSWITCH DT-SERIES USER CABLE 15 SERVSWITCH DT-SERIES CPU CABLE 9 SERVSWITCH DT-SERIES CPU CABLE 6 SERVSWITCH DT-SERIES CPU CABLE SERVSWITCH USB CPU CABLE 8 FEET 6 PS/2 WIZARD MP CABLE W/ AUDIO Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 16x25 mm; Packaging: Bulk OPTO COUPL 1 CHAN AC IN TRAN SMT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 18uF; Voltage: 63V; Case Size: 6.3x11 mm; Packaging: Bulk MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 M - GY MODULAR ADAPTER KIT RJ45(8 WIRE)- DB9 M - BL DB15HD FEMALE-FEMALE EMI/RFI GENDER CHANGER 15-FT KVM CABLE FOR USE WITH KV7020A & KV7021A Terminal Block,PCB Mount,RECEPT,2 Contacts,PIN,LATCH PC Board Relay Socket 13.3K OHM 1% CHIP RESISTOR 1332 (0805) RESISTOR 3.3 OHM 3.5W 700 JOULE Current Sense Resistor; Series:10; Resistance:0.015ohm; Resistance Tolerance: /- 1%; Power Rating:3W; Operating Temperature Range:-55 C to 200 C; Resistor Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: Yes NTE RESISTOR KITS, KIT CONTAINS: 4 EACH OF 30 MOST POPULAR RESISTOR VALUES, PLASTIC CABINET WITH 15 TWO SECTION DRAWERS NTE DIN Rail Mount Sockets, Socket Type: Miniature DPDT, Current Rating: 7 A, Voltage Rating: 300 V, Number of Pins: 8, Mounting Type: DIN Rail, Panel or Surface Mount, Features: Pressure clamp screws NTE RESISTOR KITS, KIT CONTAINS: 6 EACH OF 30 MOST POPULAR RESISTOR VALUES, PLASTIC CABINET WITH 15 TWO SECTION DRAWERS Relay; Coil Voltage AC Max:120VAC; Coil Resistance:2025ohm; Mounting Type:Single Screw RELAY-4 PIN BLADE SOCKET KIT RESISTOR 1/2 WATT METAL FILM HDSP-315G-LM000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-515G-LM000 · 13 mm (0.51 inch) Seven Segment Displays HDSP-515E · 13 mm (0.51 inch) Seven Segment Displays HDSP-515G · 13 mm (0.51 inch) Seven Segment Displays HDSP-515Y · 13 mm (0.51 inch) Seven Segment Displays HDSP-516E · 13 mm (0.51 inch) Seven Segment Displays HDSP-516E-KL000 · 13 mm (0.51 inch) Seven Segment Displays HDSP-516G · 13 mm (0.51 inch) Seven Segment Displays HDSP-516Y · 13 mm (0.51 inch) Seven Segment Displays HDSP-515H-GH000 · Low Current Seven Segment Displays HDSP-316L-FG000 · Low Current Seven Segment Displays HDSP-515L-FG000 · Low Current Seven Segment Displays HDSP-515H · Low Current Seven Segment Displays HDSP-516H · Low Current Seven Segment Displays HDSP-516L · Low Current Seven Segment Displays HDSP-316L · Low Current Seven Segment Displays
|
Agilent(Hewlett-Packard... ITT, Corp. Atmel, Corp. Cypress Semiconductor, Corp. Hantronix, Inc. Alliance Semiconductor, Corp. Electronic Theatre Controls, Inc. Sharp, Corp. HIROSE ELECTRIC Co., Ltd. Panasonic Industrial Solutions Nidec Copal Electronics, Corp. Willow Technologies, Ltd. Amphenol, Corp. http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|