PART |
Description |
Maker |
XFATM9-CLXU2-4MS XFATM9-CLXU2-4MS-15 |
DUAL PORT 10/100 BASE-T COMBO Dual Port 10/100BASE-T COMBO
|
XFMRS Inc.
|
AR1USB2-3699I |
Single Port RJ45 & Dual Port USB Combo
|
Allied Components International
|
XFGIB100-CLXU2-4MS XFGIB100-CLXU2-4MS-15 |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFATM2U-STACK2-4 |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFATM9P-C2-2S XFATM9P-C2-2S-15 |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFGIG12N-CTGXU2-4M |
DUAL PORT COMBO TAB UP
|
XFMRS Inc.
|
EX73210-B0B EX73210-70B EX73210-80B EX73210-H0B EX |
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
|
Axiomtek Co., Ltd.
|
IDT70P24L25BYI IDT70P25L25BF IDT70P25L25BFI IDT70P |
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM 4K X 16 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
IDT70T35L25BFI IDT70T24L25PFI IDT70T24L20PFI IDT70 |
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM JFET-Input Operational Amplifier 8-PDIP 0 to 70 8K X 18 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
XFATM11-COMBO1-4S XFATM-COMB01-4S |
SINGLE PORT COMBO SINGLE PORTS COMBO
|
XFMRS Inc.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|