PART |
Description |
Maker |
UC3500G-XX-AB3-R |
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
|
Unisonic Technologies
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
TPCA8014-H TPCA8014-H06 |
High-Efficiency DC拢炉DC Converter Applications High-Efficiency DC/DC Converter Applications 30 A, 40 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Toshiba Semiconductor
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
LTC1628-PG LTC1628I-PG LTC1628C-PG LTC1628CG-PG |
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency/ 2-Phase Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation
|