PART |
Description |
Maker |
U74HC73G-S14-R |
Low static power consumption
|
Unisonic Technologies
|
5LPO8-B4-32.768K 3LPO8-B4-32.768K 5LPO8-B7-32.768K |
CRYSTAL OSCILLATOR, CLOCK, 0.02 MHz - 0.16 MHz, CMOS OUTPUT DIP-8/4 LOW POWER CONSUMPTION OSCILLATORS LOW POWER CONSUMPTION OSCILLATORS
|
Euroquartz, Ltd. EUROQUARTZ limited http://
|
IC62LV51216LL IC62LV51216L IC62LV51216L-55B IC62LV |
512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
IC62LV5128LL IC62LV5128L IC62LV5128L-55B IC62LV512 |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IC62C1024L IC62C1024L-35Q IC62C1024L-35QI IC62C102 |
ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM From old datasheet system 55ns; 5V; 128K x 8 low power CMOS static RAM 35ns; 5V; 128K x 8 low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IC62VV25616LL IC62VV25616L IC62VV25616LL-70TI IC62 |
OSC 5V 14PIN TTL 256Kx161.8V和超低功耗CMOS静态RAM 256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 256Kx161.8V和超低功耗CMOS静态RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 70ns; 1.8V; 256K x 16 ultra low power CMOS static RAM
|
Integrated Circuit Solu... Fuji Electric Holdings Co., Ltd. ICSI[Integrated Circuit Solution Inc]
|
MM1065 MM1165T MM1165FT MM1065M MM1165JM MM1165ZM |
Ultra-low power consumption low-saturation three-pin regulator with on/off pin Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin 超低功耗低饱和度三针稳压器的ON / OFF端子
|
MITSUMI[Mitsumi Electronics, Corp.] MITSUMI ELECTRIC CO., LTD.
|
HCPL-070A HCPL-073A HCPL-4731020 |
2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 0.1 Mbps HCPL-073A · Very Low Power Consumption High Gain Optocouplers HCPL-070A · Very Low Power Consumption High Gain Optocouplers
|
AGILENT TECHNOLOGIES INC Agilent (Hewlett-Packard)
|
742-000-83-50 742-000-83-51 SPL9067 |
A Perimeter light incorporating solid state LEDs Low maintenance Low power consumption Low Life
|
Marl International Limited Marl International Limi...
|
IS62LV2568LL IS62LV2568L 25_62LV2568L-LL IS62LV256 |
256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM From old datasheet system ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
ALP127ALX |
low power consumption 1.5 inch low temperature poly-silicon TFT-LCD module is suitable
|
Sanyo Semicon Device
|
APHBM2012LQBDCGKC |
Low power consumption
|
Kingbright Corporation
|