PART |
Description |
Maker |
ECWH10433HVB ECWH10752HVB ECWH12912V ECW-H10223JV |
Metallized Polypropylene Film Capacitor Metallized Polypropylene Film Capaitor Designed for high frequency and pluse applications. Plastic Film Capacitors Metallized Polypropylene Film Capacitor
|
Panasonic Semiconductor
|
940C12P33K-F 940C10P33K-F 940C8W1P5K-F 940C16W1P5K |
CAP .33UF 1200VDC POLY FILM AXL CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1200 V, 0.33 uF, THROUGH HOLE MOUNT CAP .33UF 1000VDC POLY FILM AXL CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1000 V, 0.33 uF, THROUGH HOLE MOUNT CAP 1.5UF 850VDC POLY FILM AXIAL CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 850 V, 1.5 uF, THROUGH HOLE MOUNT CAP 1.5UF 1600VDC POLY FILM AXL CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 1.5 uF, THROUGH HOLE MOUNT CAP .15UF 850VDC POLY FILM AXIAL CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 850 V, 0.15 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
PP44R53.3UF20800V PP44R52.2UF10630V PP44R54.7UF104 |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 800 V, 3.3 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 2.2 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 480 V, 4.7 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 800 V, 2.2 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 800 V, 1.5 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 800 V, 6.8 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 480 V, 100 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 950 V, 10 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1600 V, 10 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1250 V, 12 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 10 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 30 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 800 V, 100 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 100 uF, CHASSIS MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 480 V, 6.8 uF, CHASSIS MOUNT RADIAL LEADED
|
EXXELIA Group Molex, Inc. Vicor, Corp. Glenair, Inc.
|
947C511K901BGH 947C511K901BGH-NS 947C141K122CTI 94 |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 900 V, 510 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1200 V, 140 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1000 V, 470 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|
R75PD1150DQ4-J R75PD1100DQ4-J R75PD1180DQ4-K R75PD |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.0018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Arcotronics Group
|
MKP1837 MKP1837-322-162 MKP1837-322-162-D MKP1837- |
Metallized Polypropylene Film Capacitor From old datasheet system Metallized Polypropylene Film Capacitor 金属化聚丙烯薄膜电容
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
B32669S6405K504 B32669S6405K508 B32669B6405 B32669 |
Metallized Polypropylene Film Capacitors (MKP) Film Capacitors Metallized Polyester Film Capacitors (MKT) Metallized Polypropylene Film Capacitors (MKP)
|
EPCOS
|
PR3A26.853500 PR3A26.852000 PR3A16.851000 PR3A06.8 |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 3500 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 2000 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 1000 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Power Integrations, Inc.
|
QAP2J154KRP |
PLASTIC FILM CAPACITORS CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 630 V, 0.15 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
KTSM48U206M3E |
CAP,Met Polypropylene,20uF,10-% Tol,10% Tol CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 20 uF, CHASSIS MOUNT
|
Cornell Dubilier Electronics, Inc.
|
MMKP383 |
AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type Double Metallized, boxed, 7,5-27,5mm pitch
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
PP72S0.681160 PP72S0.110400 PP72S0.1510400 PP72S0. |
CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 160 V, 0.68 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.15 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, METALLIZED FILM, POLYPROPYLENE, 400 V, 0.68 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
MERITEK Electronics, Corp. SMK, Corp.
|
|