PART |
Description |
Maker |
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SC3255 2SA1291 0045 |
NPN Epitaxial Planar Silicon Transistors 60V/10A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
2SC3253 0043 |
NPN Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD1668 0725 |
NPN Epitaxial Planar Silicon Transistors 50V/7A Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SD1999 |
NPN Epitaxial Planar Silicon Transistors Compact Motor Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4443 |
NPN Epitaxial Planar Silicon Transistors High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
Q62702-F365 BFW93 Q62702-C1727 Q62702-C1884 Q62702 |
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) NPN SILICON RF BROADBAND TRANSISTOR
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BCP54-10 BCP54BCP56 Q62702-C2120 Q62702-C2148 Q627 |
NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN Silicon AF Transistors (For AF driver and output stages High collector current) NPN硅晶体管自动对焦(为自动驱动器和输出级高集电极电流) NPN Silicon AF Transistors (For AF driver and output stages High collector current) 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|