PART |
Description |
Maker |
LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT |
3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor
|
MIC29302A MIC29302AWD MIC29302AWU |
3A Fast-Response LDO Regulator
|
Micrel Semiconductor
|
MIC29311-5.1WT MIC2931107 |
3A Fast-Response LDO Regulator for USB
|
Micrel Semiconductor
|
LP38856S-1.2 LP38856S-0.8 |
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
|
http://
|
SPX1084U-5.0 SPX1084 SPX1084AT SPX1084AT-1.5 SPX10 |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(5A,低压差稳压器(可调和固定输快速响)
|
EXAR CORP TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
LT1587-3.45 LT1587-3.3 LT1587 LT1585-3.45 LT1585-3 |
3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed(3A,低压差,快速响应正输出稳压器(固定和可调输出电压)) From old datasheet system 7A Low Dropout Fast Response Positive Regulator Adjustable 4.6A Low Dropout Fast Response Positive Adjustable and Fixed Regulator 4.6A Low Dropout Fast Response Positive Regulator 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 3A Low Dropout Fast Response Positive 1.5 GTL Regulator
|
Linear Technology Corporation
|
SPX2732T SPX2732T-3.3 SPX2732T-5.0 SPX2732U SPX273 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A高电流低压差稳压器可调节 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
ACE50931BM ACE50931BN ACE50923AMA ACE50923AMB ACE5 |
Low noise, fast response 500mA LDO regulator
|
ACE Technology Co., LTD... http://
|
|