PART |
Description |
Maker |
MCP6471 MCP6472 MCP6474 |
2 MHz, Low-Input Bias Current Op Amps Linear- Op Amps
|
Microchip Technology Microchip Technology, Inc.
|
MCP6H71-E/SN MCP6H72T-E/SN MCP6H74-E/SL |
Linear- Op Amps
|
Microchip
|
MIC9131YQS MIC9131YQS-TR |
Linear- Op Amps
|
Microchip
|
AWT6112 AWT6112M7P8 AWT6112RM7P8 |
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
|
ANADIGICS, Inc
|
VE0603K300R011 |
Varistors, VE, Low Voltage High Temperature, 14 V, 11 VAC, 18 V, 35 V, 1 Amps, 30 Amps, 200 mJ, 3000 uW
|
Kemet Corporation
|
SPMS506-01M SPMS506-01 SPMS506-01F SPMS506-01FM |
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
|
SSDI[Solid States Devices, Inc]
|
MGCT04 MGCT04KG MGCT04LH1S MGCT04LH1T |
Transmit Circuit for TDMA/AMPS and CDMA/AMPS
|
Zarlink Semiconductor Inc
|
BR1000 BR1006 BR1002 BR1010 BR801 BR808 BR810 BR10 |
Silicon Bridge Rectifiers 8 Amps to 10 Amps
|
Edal Industries, Inc.
|
D5-15-230 D5-25 10E12D D15-30 D12-30 D10-20 D15-20 |
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan Evaluation Kit for the MAX5932 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 5 Volt and 3.3 Volt MicroMonitor Analog IC 模拟IC SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 模拟IC Evaluation Kit for the MAX2680, MAX2681, MAX2682 模拟IC Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 模拟IC Dual/Triple, Ultra-Low-Voltage, SOT23 µP Supervisory Circuits 模拟IC
|
Electronic Theatre Controls, Inc. Electronics Industry Public Company Limited Ecliptek, Corp. Infineon Technologies AG TE Connectivity, Ltd. Vishay Intertechnology, Inc. SCHURTER AG Glenair, Inc. Allegro MicroSystems, Inc.
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|
5962-9455804NZB 5962-9455804QXA 5962-9455802QYA |
16-Bit Digital Signal Processor SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 16位数字信号处理器
|
Electronic Theatre Controls, Inc.
|