PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
EMIF03-SIM02M8 |
3-line EMI filter and ESD protection for SIM card interfaces EMI Filtering & Signal Conditioning 3 line IPAD, EMI filter for SIM card applications
|
ST Microelectronics, Inc. STMicroelectronics
|
3357-92XX 3357-9237 3357-9209 3357-9215 3357-9225 |
BACKSHELL D EMI METAL 25 WAY BACKSHELL D EMI METAL 37 WAY BACKSHELL D EMI METAL15 WAY BACKSHELL D EMI METAL 9 WAY D Sub Connectors
|
3M[3M Electronics] N.A.
|
PE3P4W-60PS-2-G3A PE3P4W-60PS-3-C5 PE3P4W-250PS-3- |
500 V, 50/60 HZ, THREE PHASE EMI FILTER 3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
|
Power Dynamics, Inc. PowerDynamics, Inc
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
ASM3P5821A ASM3P5821A-ST |
3.3 V, 20 MHz to 34 MHz, low power peak EMI reduction solution From old datasheet system Low Power EMI Reduction IC 34 MHz, OTHER CLOCK GENERATOR, PDSO8 SOIC-8
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
EMIF04-EAR02M8 |
2-line EMI filter for earphones 2-line EMI filter for microphones
|
ST Microelectronics
|
EMIF03-SIM03F3 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD? EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
EMIF03-SIM02C210 EMIF03-SIM02C2 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
2499-003-X5W0-502P 4204-051 4401-007 4401-680 4401 |
Feed-Thru Capacitor 1 FUNCTIONS, 500 V, 20 A, FEED THROUGH CAPACITOR EMI/RFI FILTER 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #12
|
TUSONIX, Inc. TUSONIX INC
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|