PART |
Description |
Maker |
CL10F474ZB8NNNC |
Multi-layer Ceramic Capacitor
|
Samsung Electronics
|
CL31B225KOHNNNE |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
CL21B105KBFNNNE |
Multi Layer Ceramic Capacitor (MLCC)
|
Samsung semiconductor
|
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
28LV010RPDE-25 28LV010RT1DE-25 28LV010RT2DE-25 28L |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DIP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM CAP-ARR 200PF X4 100V 10% NP0(C0G) SMD-0508 PLATED-NI/SN TR-7 1K/REEL CAP ARRAY, 2 X 10NF 50V 0508X7RCAP ARRAY, 2 X 10NF 50V 0508X7R; Capacitance:10nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 22NF 16V 0405X5RCAP ARRAY, 2 X 22NF 16V 0405X5R; Capacitance:22nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:85(degree C); CAP ARRAY, 2 X 15PF 50V 0405NPOCAP ARRAY, 2 X 15PF 50V 0405NPO; Capacitance:0.015nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 680PF 50V 0405NPOCAP ARRAY, 2 X 680PF 50V 0405NPO; Capacitance:0.68nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 4 X 100PF 50V 0508NPOCAP ARRAY, 4 X 100PF 50V 0508NPO; Capacitance:0.1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W2A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C); CAP ARRAY, 2 X 10NF 16V 0405X7RCAP ARRAY, 2 X 10NF 16V 0405X7R; Capacitance:10nF; Voltage rating, DC:16V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :20%; Tolerance, -:20%; Temp, op. max:125(degree C); Ceramic Capacitor Array; Capacitor Type:Chip Array; Capacitance:22pF; Capacitance Tolerance: /- 10%; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0405; Termination:SMD RoHS Compliant: Yes CAP ARRAY, 2 X 1000PF 50V 0405X7RCAP ARRAY, 2 X 1000PF 50V 0405X7R; Capacitance:1nF; Voltage rating, DC:50V; Capacitor dielectric type:Ceramic Multi-Layer; Series:W1A; Tolerance, :10%; Tolerance, -:10%; Temp, op. max:125(degree C);
|
Maxwell Technologies, Inc
|
CI100505-5N6D CI100505-R10J CI100505-8N2J CI100505 |
Multi-Layer Chip Inductors 1 ELEMENT, 0.0015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0022 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
BCM5646 BCM564603 |
StrataSwitch® II Integrated Multilayer Switch STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH INTEGRATED MULTI LAYER SWITCH
|
BOARDCOM[Broadcom Corporation.] ETC
|
CYV15G0403DXB CYP15G0403DXB-BGC CYV15G0403DXB-BGI |
Physical Layer Devices : Video (SMPTE) PHYs Physical Layer Devices : Multi-Protocol PHYs Independent clock quad HOTLink II transceiver. Speed standard.
|
Cypress
|
PM-5R0V155-R PM-5R0V305-R PM-5R0V474-R PM-5R0V105- |
CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 1500000 uF, THROUGH HOLE MOUNT RADIAL LEADED, HALOGEN FREE & ROHS COMPLIANT CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 3000000 uF, THROUGH HOLE MOUNT RADIAL LEADED, HALOGEN FREE & ROHS COMPLIANT CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 470000 uF, THROUGH HOLE MOUNT RADIAL LEADED, HALOGEN FREE & ROHS COMPLIANT CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 1000000 uF, THROUGH HOLE MOUNT RADIAL LEADED, HALOGEN FREE & ROHS COMPLIANT
|
Cooper Bussmann, Inc.
|
DMT334R2S474M3DTA0 |
Electrical Double Layer Capacitor
|
Murata Manufacturing Co...
|
JECXDE-0016 |
Electrical Double Layer Capacitor
|
Murata Manufacturing Co., Ltd.
|
|