PART |
Description |
Maker |
ECET1JA393FA ECET1VA683FA ECEP1VA683HA ECET2AA153F |
Long Life - endurance rating of 3000 hours at 105°C Can vent construction Large Can Aluminum Electrolytic Capacitors Large Can Aluminum Electrolytic Capacitors Long Life - endurance rating of 3000 hours at 105°C Can vent construction
|
Panasonic Semiconductor
|
EMVJ350ADA100ME60G EMVJ350ADA220MF60G EMVJ350ADA4R |
2000-hours-life, 105?
|
United Chemi-Con, Inc.
|
KL2A101MS KL1J010MS KL1J100MS KL1J101MS KL1J220MS |
CHIP TYPE, 5000 HOURS LOAD LIFE 芯片类型,负载寿000小时
|
DB Lectro Inc. DB Lectro, Inc.
|
SLL |
Load Life : 85C 2000 hours
|
MERITEK ELECTRONICS COR...
|
PA12H |
EXPECTED LIFE, HOURS POWER OPERATIONAL AMPLIFIER
|
Apex Microtechnology Corporation
|
70182 70181 70187 70188 |
LINEARlight MULTI FLEX Long life: Up to 50,000 hours
|
List of Unclassifed Manufacturers
|
APG2C1-410 |
Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours
|
Roithner LaserTechnik GmbH
|
381EL101M400H032 381EL101M400J022 381EL271M350K032 |
Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum 105 垄陋C Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum
|
List of Unclassifed Man... Cornell Dubilier Electronics ETC List of Unclassifed Manufacturers Cornell Dubilier Electr...
|
330100M6R3JS8E 330R100M6R3JS8E 3331100M6R3JS8E 333 |
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 垄陋C to 105 垄陋C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life -55 ?? to 105 ?? Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
|
Cornell Dubilier Electr... List of Unclassifed Man... List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC Cornell Dubilier Electronics Cornell Dubilier Electronic...
|
ELXG800VSN122MQ30S ELXG800VSN222MR35S ELXG250VSN18 |
Long life snap-ins, 105?
|
United Chemi-Con, Inc.
|
5.0SMLJ90A 5.0SMLJ100A 5.0SMLJ110A 5.0SMLJ11A 5.0S |
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|