PART |
Description |
Maker |
MP3205DJ EV3205DJ-00A |
1.3MHz Fixed Frequency 5 White LED Driver
|
MPS[Monolithic Power Systems]
|
NCV6354 NCV6354BMTAATBG |
3MHz, 2A Fixed-Frequency,Synchronous Buck Converter 3MHz, 2A Fixed-Frequency Synchronous Buck Converter 3MHz 2A Fixed-Frequency Synchronous Buck Converter
|
ON Semiconductor
|
FV120 FV133 FV150 FV166 A100 A120 A133 A150 A166 A |
Pentium processor. Max. operating frequency 120 MHz, iCOMP index 2.0 rating 100 Pentium processor. Max. operating frequency 133 MHz, iCOMP index 2.0 rating 111 Pentium processor. Max. operating frequency 150 MHz, iCOMP index 2.0 rating 114 Pentium processor. Max. operating frequency 166 MHz, iCOMP index 2.0 rating 127 Pentium processor. Max. operating frequency 100 MHz, iCOMP index 2.0 rating 90 Pentium processor. Max. operating frequency 200 MHz, iCOMP index 2.0 rating 142
|
Intel
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
FR-E510W-XXK-NA |
Variable Frequency Drives
|
Mitsubishi
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
SK-2 |
Frequency Multiplier 2 MHz - 1000 MHz RF/MICROWAVE FREQUENCY DOUBLER, 16 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
MC33468 MC33468SN-20ATR ON1063 |
From old datasheet system FIXED FREQUENCY PWM MICROPOWER DC-to-DC CONVERTER VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER
|
ONSEMI[ON Semiconductor]
|
MC33468-D |
Variable Frequency Micropower Step-up DC-DC Converter
|
ON Semiconductor
|
DAT-15R5-PNPR 3KDAT-15R5-PNT |
0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.7 dB INSERTION LOSS-MAX 4 X 4 MM, DG983-1, 20 PIN 0 MHz - 4000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.7 dB INSERTION LOSS-MAX 4 X 4 MM, ROHS COMPLIANT, DG983-1, 20 PIN
|
Mini-Circuits
|
DAT-31-PNPR 3KDAT-31-PNT |
0 MHz - 2400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.4 dB INSERTION LOSS-MAX 4 X 4 MM, DG983-1, 20 PIN 0 MHz - 2400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.4 dB INSERTION LOSS-MAX 4 X 4 MM, ROHS COMPLIANT, DG983-1, 20 PIN
|
Mini-Circuits
|
|