PART |
Description |
Maker |
IDT72421 IDT72201L10JI IDT72201L10PFI IDT72201L15J |
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 的CMOS SyncFIFOO 64 × 956 × 912 × 9024 × 9048 × 9096 × 9 Dual High Output Current Operational Amplifier 8-TSSOP -40 to 85 SerDes 22-Bit Bi-Directional Serializer/Deserializer; Package: MLP; No of Pins: 40; Container: Tape & Reel 8K x 9 SyncFIFO, 5.0V 2K x9 SyncFIFO, 5.0V 4K x 9 SyncFIFO, 5.0V 512 x 9 SyncFIFO, 5.0V 256 x 9 SyncFIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC IDT
|
723631L15PQF9 IDT723641L15PF8 IDT723641L15PQF IDT7 |
512 x 36 SyncFIFO, 5.0V 2K x 36 SyncFIFO, 5.0V 1K x 36 SyncFIFO, 5.0V 512 X 36 OTHER FIFO, 11 ns, PQFP132 PLASTIC, QFP-132
|
IDT INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
72V245L20TFG8 72V205L15TFG 72V215L15TFG 72V225L15T |
3.3 VOLT CMOS SyncFIFO
|
Integrated Device Techn...
|
IDT723626 IDT723626L12PF IDT723626L15PF IDT723636 |
CMOS TRIPLE BUS SyncFIFO? CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
IDT72240L10TPG IDT72220L10TPG IDT72210L10TPG IDT72 |
CMOS SyncFIFO
|
Integrated Device Techn... Integrated Device Technology
|
IDT723673 IDT723673L12PF IDT723673L15PF IDT723663 |
CMOS SyncFIFO WITH BUS-MATCHING
|
IDT[Integrated Device Technology]
|
IDT72211L12J IDT72201L20L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 512 X 9 OTHER FIFO, PQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, CQCC32
|
Integrated Device Technology, Inc.
|
IDT72811L12PF IDT72811L15PF IDT72831L20PF IDT72831 |
DUAL CMOS SyncFIFO 512 X 9 BI-DIRECTIONAL FIFO, 10 ns, PQFP64 DUAL CMOS SyncFIFO 512 X 9 BI-DIRECTIONAL FIFO, 8 ns, PQFP64
|
Integrated Device Technolog... Integrated Device Technology, Inc.
|
IDT72211L35L IDT72201L20J IDT72201L50JB IDT72211L5 |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
|
Integrated Device Technology Integrated Device Techn...
|
VCC4 VCC4-C3E-50M000 VCC4-G3E-50M000 VCC4-E3E-50M0 |
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT 1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator 1.8.5.3.0伏的CMOS振荡
|
Vectron International, Inc.
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
|