PART |
Description |
Maker |
MQF120U-12S |
Cooling by Free Air Convection
|
Arch Electronics Corp.
|
27160 |
Effective with radiation, convection and conduction heat transfer
|
Electronic Theatre Controls, Inc.
|
VCS70US05 VCS70US12 VCS70US15 VCS70US24 VCS70US48 |
Chassis Mount Industrial Supplies, 25 °C to 70 °C Convection Cooled
|
XP Power Limited
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
DSP-A1092 |
NATURAL SOUND AV AMPLIFIRE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
PIC18F8720-E/PT PIC18F8720-I/PT PIC18F8720T-I/PT P |
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D (PIC18Fxx20) Enhanced Flash Microcontrollers The PIC18F8520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... The PIC18F6520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port ... Ideal for connectivity applications that benefit from the availability of the double asynchronous serial port, the flexible synchronous ...
|
http:// Microchip Technology
|
04-PMW9 |
Natural Nylon Wing Push Mounts
|
OEN India Limited
|
695-501-25-50 695-501-25-52 695-501-25-54 695-501- |
?12.7mm mounting Natural anodised aluminium
|
Marl International Limited
|