PART |
Description |
Maker |
22-27-2111 22-27-2221 22-27-2251 22-27-2091 22-29- |
Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 25Ckt 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,9 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:6; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm KK Hdr Vt FricLK VrA 5Sn 23Ckt 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
85003-9005 0850039005 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole
|
Molex Electronics Ltd.
|
0850039000 85003-9000 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole
|
Molex Electronics Ltd.
|
85003-3122 0850033122 |
2.54mm (.100") Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips, No 2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips, No FluxProof
|
Molex Electronics Ltd.
|
85013-9028 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, 3-Row C-Pin, Style R Male
|
Molex Electronics Ltd.
|
85003-9017 0850039017 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 48 Circuits
|
Molex Electronics Ltd.
|
85003-3330 0850033330 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60楼矛m (24楼矛) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850033495 85003-3495 |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60渭m (24渭) Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
MM-B15W1-R960-104 36718-0005 MMB15W1R960-104 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6μm (24μ) Selective Gold (Au), PC Tail Length 15.00mm (.594), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6楼矛m (24楼矛") Selective Gold (Au), PC Tail Length 15.00mm (.594"), 96 Circuits
|
Molex Electronics Ltd.
|
M20-9742946 M20-9743446 M20-9741242 M20-9701246 M2 |
2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 29 29-way 58 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, tin, 34 34-way 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 5.8mm mating pin height, selective gold tin, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 12 12-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 11 11-way 22 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 7mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 20 20-way 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 18 18-way 36 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, tin, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch DIL Horizontal PC Tail Pin Header, 6.1mm mating pin height, gold (hi-temp mould), 22 22-way
|
Harwin PLC HARWIN INC
|
|