PART |
Description |
Maker |
22-29-2061 |
KK? 254 Wire-to-Board Header, Vertical, with Friction Lock, 6 Circuits, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4030-05A197 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 5 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
22-10-2111 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 11 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
22-10-2121 A-4030-12A241 |
KK? 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating KK? 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
A-4094-12A241 |
KK? 254 Wire-to-Board Header, Single Row, Right Angle, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
|
Molex Electronics Ltd.
|
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
0440671402 44067-1402 SD-44067-001 |
3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header MOLEX Connector
|
Molex Electronics Ltd.
|
DBCA33C10BT1 DBCA33C12BT1 DBCA33C14BT1 DBCA33C16BT |
BOARD TO BOARD/WIRE MINIATURE RIBBON CABLE SYSTEM - SMT PCB HEADER STRAIGHT1
|
Dubilier
|
SD-44067-001 44067-1803 0440671803 |
3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header
|
Molex Electronics Ltd.
|
0530141010 53014-1010 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Vertical, 10 Circuits 2.00mm (.079) Pitch MicroBlade?/a> Wire-to-Board Header, Vertical, 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
125SH-D-XX-TR-SMT |
PITCH WIRE TO BOARD HEADER
|
Adam Technologies, Inc.
|