PART |
Description |
Maker |
1180-02-10A 1180-01 1180-02-0.1A 1180-01-3A 1180-0 |
Protection of loads in power distribution systems in control cabinets and process control
|
ETAL Group
|
BTS730 Q67060-S7007-A2 Q67060-S7007A2 |
PWM Power Unit (The device allows continuous power control for lamps/LEDs or inductive loads.) TRANSISTOR SMD PROFET LESITUNGS MOSFET PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
U2352B |
PWM Power Control for DC Loads
|
Atmel
|
BTS555 |
From old datasheet system Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
|
SIEMENS AG Siemens Semiconductor Group
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
BTS542D2 |
Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
|
Siemens Semiconductor G...
|
RE031 |
RE031 [Updated 3/03. 10 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated for loads of up to 5 mA. A typical application is real-time clock, backup battery supply in mobile terminals.
|
Atmel
|
DEK-REL-G24 |
Relay terminal block, with soldered-in miniature power relay, contacts (AgSnO): medium to large loads, 1 PDT, input voltage 24 V DC, for assembly on NS 35/7.5, terminal width 6.2 mm
|
PHOENIX CONTACT
|
U2352 U2352B |
PWM Power Control for DC Loads
|
TEMIC[TEMIC Semiconductors]
|