PART |
Description |
Maker |
STM32F373VBH6 STM32F373RCT6 STM32F373RCT6TR STM32F |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 256 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, MPU, 16-bit ADC, comparators
|
ST Microelectronics
|
STM32F301K8 STM32F301K8U6 STM32F301R8T6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU,12-bit ADC 5 MSPS, Comparator, Op-Amp
|
ST Microelectronics
|
STM32F401RE STM32F401VE STM32F401VD STM32F401VDH6 |
STM32 Dynamic Efficiency MCU, ARM Cortex-M4 core with DSP and FPU, up to 512 Kbytes Flash, 84 MHz CPU, Art Accelerator STM32 Dynamic Efficiency MCU, ARM Cortex-M4 core with DSP and FPU, up to 384 Kbytes Flash, 84 MHz CPU, Art Accelerator
|
STMicroelectronics N.V. ST Microelectronics
|
LPC1815JBD144 LPC1817JBD144 LPC1825JET100 LPC1823J |
32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??024kB flash, 136kB SRAM, LQFP144 package 32-bit ARM Cortex-M3 MCU??68kB flash, 136kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 104kB SRAM, TFBGA100 package 32-bit ARM Cortex-M3 MCU??12kB flash, 136kB SRAM, Ethernet, LQFP144 package
|
NXP Semiconductors N.V.
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
STM32F446ME STM32F446RC STM32F446VC STM32F446VE ST |
ARM Cortex-M4 32b MCU FPU, 225DMIPS, up to 512kB Flash/128 4KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
|
STMicroelectronics
|
STA1095 |
Accordo2 Dual Core 32-bit ARM Cortex-R4 / Cortex-M3 processor, with embedded SRAM, integrated DSP sound subsystem, audio ADCs and DACs, isolated CAN MCU for Car Radio and Display Audio applications
|
ST Microelectronics
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
LPC1751 |
32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
|
NXP Semiconductors
|
TFBGA100 LQFP208 LQFP144 TFBGA180 SOT926-1 LPC4330 |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
|
NXP Semiconductors
|
|