PART |
Description |
Maker |
74AC245MTC 74AC245PC 74AC245SC 74AC245SJ 74ACT245M |
Octal Bidirectional Transceiver with 3-STATE Inputs/ Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs From old datasheet system 18-Bit TTL/BTL Universal Storage Transceiver 100-HLQFP 0 to 70 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC AC SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
T35L6432A T35L6432A-5T T35L6432A-5Q |
64K x 32 SRAM 0.5 to 4.6V; 1.6W; 64K x 32 SRAM: 3.3V supply, fully registered inputs and outputs, burst counter
|
TM Technology, Inc. Taiwan Memory Technology
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCXZ162244 74LCXZ162244MEA 74LCXZ162244MEX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26з Series Resistors in the Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp.
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX2245WM 74VCX2245WMX 74VCX2245 74VCX2245BQX 74 |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in B Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXR162245MEX 74LCXR162245MTD 74LCXR162245MTX 74 |
Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
http:// Fairchild Semiconductor Corporation
|
74LCXZ2245 74LCXZ2245WM 74LCXZ2245SJ 74LCXZ2245MSA |
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs Low Voltage Bidriectional Transceiver with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs
|
Fairchild Semiconductor
|
74ALVC2245MTCX 74ALVC2245WMX |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs
|
Fairchild Semiconductor
|
74LCXR162245CW |
Low-Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor
|
74ALVC38_05 74ALVC38 74ALVC38M 74ALVC38MTC 74ALVC3 |
Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|