PART |
Description |
Maker |
QL5-500KV-0.02A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
3QL5-300KV-5.0A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
GBA35M GBA35M-15 |
Block Type Avalanche Automotive Rectifier Block Type Avalanche Automotive Rectifier Voltage Range 37-41 Volts Current 35 Amps
|
GOOD-ARK Electronics
|
LHV37 LHV37D12 LHV37D16 LHV37D20 LHV37D24 LHV37D28 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 75; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; High Voltage Rectifier Assembly
|
MICROSEMI CORP-COLORADO Microsemi Corporation http://
|
0399100113 399100113 910513 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 13 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
399100104 0399100104 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits
|
Molex Electronics Ltd.
|
HTZ150C6K HTZ150C7K HTZ150C8K HTZ150C9K |
6000V high voltage diode rectifier module 7200V high voltage diode rectifier module 8400V high voltage diode rectifier module 9600V high voltage diode rectifier module
|
IXYS
|
GI751 GI756 GI750 GI752 GI758 GI754 |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 63V; Case Size: 12.5x25 mm; Packaging: Bulk High Voltage Plastic Rectifier(高压塑胶整流 HIGH CURRENT PLASTIC RECTIFIER
|
GE Security, Inc. GE[General Semiconductor]
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
GBA35L-15 |
Block Type Avalanche Automotive Rectifier Voltage Range 20-24 Volts Current 35 Amps
|
GOOD-ARK Electronics
|