PART |
Description |
Maker |
FQAF10N80 |
CAPACITOR KIT, FLEXITERM MLCCCAPACITOR KIT, FLEXITERM MLCC; Kit contents:30 Values 6.7 A, 800 V, 1.05 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BSS89 Q62702-S619 Q62702-S385 Q62702-S519 |
Capacitor Kit;Contents Of Kit:16 different capacitance values, 20 pcs. per value 300 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) SIPMOS小信号晶体管(N通道增强模式的逻辑电平
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
WJ1142CS59VDC5.0 WJ114 WJ1141AS1012VDC3.5 WJ1141AS |
SUPER MK RELAY MSM19 RI SF 5 A @125VAC BL 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 MS3108A24-10S 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Vandal Resistant Pushbutton Switch; Actuator Diameter:15.8mm; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Panel Kit; Contents Of Kit:Top panel; For Use With:R-120 Protective equipment case 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Switching capacity 16A, Small size suitable for high density mounting, PC board mounting, UL/CUL certified 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 AB 9C 6#16 3#12 SKT PLUG AUTO ADC 32K FLASH MSM22 PI SF 5A@030VDC BL SWITCH 250 V,GN PT ILL, 19 MM ; Switch function type: PUSH-BUTTON; Voltage, contact AC max:250V; Voltage, contact DC max:250V; Temp, op. max:85(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:19mm; Length / Height, BATTERY CLIP Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-120 Protective equipment case O RING FOR R120 BOX Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-300 Protective equipment case AB 4C 2#8 2#16 ANGLE PIN PLUG SWITCH, CAPACITIVE UNDERGLASSSWITCH, CAPACITIVE UNDERGLASS; Switch function type:Momentary; Voltage, contact DC max:24V; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Length / Height, external:4mm; Width, SWITCH, CAPACITIVE RED ILLUMINATIONSWITCH, CAPACITIVE RED ILLUMINATION; Switch function type:3 wire NPN; Temp, op. max:85(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Colour:Red; Current, supply:20mA; SWITCH, CAPGREEN ILLUMINATIONSWITCH, CAPGREEN ILLUMINATION; Switch function type:Momentary; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Green; Current, switching DC max:175mA; Depth, behind panel:13mm; IP Vandal Resistant Switch CONNECTOR ACCESSORY MSMLA SWITCH,250V,22 MM,ILLUM-BLUE MCORE GPS CONTROLLER CIT SWTICH
|
Electronic Theatre Controls, Inc. CIT[CIT Relay & Switch]
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
ADP1761-EVALZ ADP1762-EVALZ |
TABLE OF CONTENTS
|
Analog Devices
|
24C04 ST25C04 ST25C04B1TR ST25C04B3TR ST25C04B5TR |
KIT, NIOS FOR CYCLONE II; Kit contents:Nios II Development Board, Nios II IDE, Quartus II Web Edition design software, SOPC Builder system integration tool, Cables and accessories, Design examples and applications RoHS Compliant: Yes IC MAX 7000 CPLD 256 208-PQFP PowerPak; Charge, gate n-channel:27nC; Current, Idm pulse:40A; Depth, external:5.26mm; RoHS Compliant: Yes MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:80V; Case style:PowerPak SO-8; Current, Id cont:7.6A (ST2xxx) 4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection From old datasheet system 4 Kbit Serial I 2 C Bus EEPROM with User-Defined Block Write Protection 4KbitSerialI2CBusEEPROMwithUser-DefinedBlockWriteProtection
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PECLDL-10-1 PECLDL-10-4 PECLDL-10-7 PECLDL-10-9 PE |
LTC3824 Evaluation Kit LT3844EFE Evaluation Kit LT3476EUHF Evaluation Kit LTC3835EGN-1 Evaluation Kit 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料 DELAY LINE|PROGRAMMABLE|1-LINE|1-TAP|HYBRID|DIP|32PIN|PLASTIC 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料
|
Advanced Power Electronics, Corp.
|
CSC-11242 CSC-11244 CSC-11246 CSC-11248 CSA-11266 |
SUPPORT ANGLE KIT, CHASSIS KIT
|
Bud Industries, Inc.
|
426120410-3 |
KIT 60145-3 ODF KIT
|
List of Unclassifed Man...
|
27C256-12E/P 27C256-10/SO 27C256-10E/SO 27C256-10I |
Evaluation Kit for the MAX3905 2.5Gbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3880 10.7Gbps Linear Transimpedance Amplifier with Output Offset Adjust 10.7Gbps Laser Diode Drivers Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3950 155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers 10.7Gbps Compact Laser Diode Driver Evaluation Kit for the MAX3901 Evaluation Kit for the MAX3967A 3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector 200Mbps SFP Limiting Amplifier LED Driver with Programmable Prebias Voltage 270Mbps SFP LED Driver 3.3V, 10.3Gbps Limiting Amplifier 10.7Gbps, 3.3V, Compact VCSEL Driver Evaluation Kit for the MAX3975 Low-Voltage, Quad, SPDT, CMOS Analog SwitchReplaces MAX333A Evaluation Kit for the MAX3877, MAX3878 Evaluation Kit for the MAX3930 Serially Controlled, Low-Voltage, 8-Channel SPST Switch x8存储 10Gbps EAM Driver with Integrated Bias Network x8存储 x8 EPROM x8存储 Evaluation Kit for the MAX3891 x8存储 Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers x8存储
|
Mitsubishi Electric, Corp. HIROSE ELECTRIC Co., Ltd.
|
|