PART |
Description |
Maker |
BAR80 Q62702-A1084 |
Silicon RF Switching Diode (Design for use in shunt configuration Hight shunt signal isolation Low shunt insertion loss) SILICON, PIN DIODE From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MAX6331 MAX6330 1863 MAX6331_UR-T MAX6330_UR-T MAX |
Precision shunt regulator with reset. Reset threshold 4.63V, shunt regulator voltage 5.0V 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 Precision Shunt Regulators with Reset in SOT23-3 From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FC0603E50R0BST1 FC0603E5100FGWS FC0603E50R0BTBTS F |
THIN FILM,0603,25PPM,50,.1%,TR,HAZMAT - Tape and Reel THIN FILM,0603,125MW,510,1%,25PPM - Waffle Pack FC High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip RES THNFLM 0603 33.2 OHM 1% 1/8W 100PPM MLD SMD - Tape and Reel THIN FILM 0402 332 0.1% 25PPM - Tape and Reel RES THNFLM 0603 17.8 OHM 1% 1/8W 100PPM MLD SMD - Tape and Reel THIN FILM,0402,100,.1%,25PPM - Bulk THIN FILM,0402,122,0.1%,25PPM - Tape and Reel RES THNFLM 0603 53.6 OHM 0.1% 1/8W 25PPM MLD SMD - Tape and Reel THIN FILM,HF,0603,25PPM,50 OHM,,.5%,WAFFLE,HAZMAT - Waffle Pack RES THNFLM 0402 100 OHM 0.1% 1/20W 25PPM MLD SMD - Waffle Pack
|
Vishay Dale
|
ICS9248-162 ICS9248YG-162-T ICS9248YF-162-T ICS924 |
Frequency generator and integrated buffer for Pentium/PRO, K6 Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6 137 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 6.10 MM, 0.50 MM PITCH, TSSOP-48 137 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
|
Integrated Circuit Systems Integrated Device Technology, Inc.
|
LT1389-5 LT1389-4.096 LT1389-2.5 LT1389-1.25 1389F |
Nanopower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Nanopower Precision Shunt Voltage Reference(毫微功率,精密分流电压基 From old datasheet system Micropower Precision Shunt Voltage Reference Nanopower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
PEWCT1039 |
WR-137 Waveguide 50 dB Crossguide Coupler
|
Pasternack Enterprises,...
|
UPC1945 UPC1945TA UPC1945TA-E1 UPC1945TA-E2 |
Low-voltage-compatible high-precision variable-shunt type stabilization power ADJUSTABLE PRECISION SHUNT REGULATORS
|
NEC[NEC] NEC Corp.
|
UPC1943 UPC1943T UPC1944 UPC1944GR UPC1944J UPC194 |
High-precision variable shunt type stabilized power supply ADJUSTABLE PRECISION SHUNT REGULATORS
|
NEC[NEC]
|
IS-1009RH |
2.5V Shunt Regulator Diode, Rad-Hard Radiation Hardened
IS-1009RH is a 2.5V shunt regulator(抗辐.5V稳压二极
|
Intersil Corporation
|