PART |
Description |
Maker |
MAX1976A MAX1976AETA MAX1976AETT MAX1976AEZT MAX19 |
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN 0.9 V FIXED POSITIVE LDO REGULATOR, PDSO6 Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN 1.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, DSO8 0.85 V FIXED POSITIVE LDO REGULATOR, DSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX158907 MAX1589EZT120-T MAX1589ETT075 MAX1589ETT |
Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MIC5313-1.5/1.4YMT MIC5313-G4YMT MIC5313-1.5/1.0YM |
Low Voltage Dual 300mA LDO
|
Micrel Semiconductor
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|
TS5215 |
300mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Company
|
AAT3244ITP-AA-T1 |
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
|
Advanced Analogic Technologies, Inc.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MIC5233-1.8BM5 MIC5233-2.5BM5 MIC5233-3.0BM5 MIC52 |
High Input Voltage/ Low IQ Cap LDO Regulator High Input Voltage, Low IQ uCap LDO Regulator High Input Voltage, Low IQ ?Cap LDO Regulator High Input Voltage, Low IQ Cap LDO Regulator
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. MICREL INC
|
2N6558 40175BDM 4017BDM 40174BDM 4017BDC 4028BDC 4 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Quad D-Type Flip-Flop Hex D-Type Flip-Flop Johnson Counter TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 13A I(D) | TO-213AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-213AA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 20V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 25V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Bit/4-Bit缓冲驱动 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 输入或门 Dual 4-input NOR Gate 输入或非
|
Motorola Mobility Holdings, Inc. Thomas Glenair, Inc.
|