PART |
Description |
Maker |
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS |
Low noise, fast response 500mA LDO regulato
|
Leshan Radio Company
|
MIC37152WR MIC37150-2.5BR MIC37150-3.3BR MIC37151- |
1.5A, Low Voltage 渭Cap LDO Regulator 1.5A, Low Voltage μCap LDO Regulator IC REG LDO 1.5A 1.5V 5SPAK 1.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5
|
Micrel Semiconductor, Inc.
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
TK11224BUIB TK11245BUCB TK11255BUCB TK11215BUCB TK |
Power pushbutton switch is rated up to 7 amps and has many options MS series miniature snap action switches with many options VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP .0001UF 50V UF(B) FILM SMD 调压器ON / OFF开 CAP .00015UF 50V UF(B) FILM SMD 4.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 CAP 15000UF 63V ELECT TUP SERIES 2.9 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 调压器ON / OFF开 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 3.2 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO5 CAP 120000UF 16V ELECT THA SER 2.6 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 2.8 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 VOLTAGE REGULATOR WITH ON/OFF SWITCH 4 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 4 V FIXED POSITIVE LDO REGULATOR, 0.39 V DROPOUT, PDSO6 3.1 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 VOLTAGE REGULATOR WITH ON/OFF SWITCH
|
TOKO Inc. TOKO, Inc. ON Semiconductor http://
|
MAS9160ASMJ-T |
2 outputs LDO voltage regulator. VOUT1(nom) = 2.5 V, VOUT2(nom) = 2.8 V.
|
mas MICRO ANALOG SYSTEMS
|
HA17432VUP HA17432VLTP HA17432UA |
Shunt Regulato
|
http://
|
S5M1119 |
0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|
MAX1976A MAX1976AETA MAX1976AETT MAX1976AEZT MAX19 |
Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN 0.9 V FIXED POSITIVE LDO REGULATOR, PDSO6 Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN 1.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, DSO8 0.85 V FIXED POSITIVE LDO REGULATOR, DSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
TC55RP1101ECB713 TC55RP1101ECB723 TC55RP1101ECBRT |
2.4 V FIXED POSITIVE LDO REGULATOR, PSSO3 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PSSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PDSO3 4.8 V FIXED POSITIVE LDO REGULATOR, PDSO3 1μA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1レA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1uA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.4 V FIXED POSITIVE LDO REGULATOR, PDSO3 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO3
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
|