PART |
Description |
Maker |
BA2903SFVM-TR BA8391G BA2903WFV-E2 BA2903SFV-E2 BA |
Standard Open-Collector Comparator Low Offset Voltage Open-Collector Comparator
|
ROHM
|
HD74LS05 HD74LS04 74LS05 74LS04 HD74LS04/HD74LS05 |
Hex Inverters with Open Collector output Hex Inverters(with Open Collector Outputs) STANDARD GAIN HORN; WAVEGUIDE SIZE: WR159; FREQUENCY RANGE: 4.90-7.05; GAIN: 20 dB CERAMIC CHIP/MIL-PRF-55681
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
HD74164 HD74S10 HD74S11 HD74S112 HD74S113 HD74S114 |
TTLHD74/HD74SSeries Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:45V; Package/Case:TO-3P; Current Rating:15A; Forward Current:0.03A; Forward Voltage:0.76 Hex Noninverting Buffers With Open-Collector Outputs 14-CDIP -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 20-LCCC -55 to 125 Hex Noninverting Buffers With Open-Collector Outputs 14-CFP -55 to 125 VARACTOR-33.0 PF AT 4 V TTLHD74/HD74S系列 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 TTL电HD74/HD74S系列 D-AM RADIO TUNING DIODE TTL HD74/HD74S Series
|
http:// HITACHI[Hitachi Semiconductor]
HITACHI
Hitachi,Ltd.
|
PS9324L2 PS9324L-E3 PS9324L-AX PS9324L-E3-AX PS932 |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER HIGH CMR 10Mbps OPEN COLLECTOR OUTPUT TYPE 6-PIN SDIP PHOTOCOUPLER
|
California Eastern Labs
|
N74F757N |
Octal buffer (open-collector)
|
Philips
|
TLP513 |
Logic Output Open Collector
|
ETC
|
IN7407 IN7407N IN7407D |
Hex Buffers/Drivers with Open-Collector High-Voltage Outputs 六角缓冲驱动与开放集电极高压输出 Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
|
INTEGRAL JOINT STOCK COMPANY Integral Corp. IK Semicon Co., Ltd
|
SC443103 SC4431CSK-X SC4431 |
Shunt Regulator With Open Collector Output
|
Semtech Corporation
|
TS4436 TS4436ICT TS4436AICT |
Adjustable 0.6V Open Collector Shunt Voltage Reference
|
STMICROELECTRONICS[STMicroelectronics]
|
DM74LS09 74LS09 DM74LS09M DM74LS09N |
Quad 2-Input AND Gates with Open-Collector Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALS38AN 74ALS38 74ALS38A 74ALS38AD |
Quad 2-Input NAND buffer open collector
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|