PART |
Description |
Maker |
IDT74CBTLV3126 CBTLV3126_DS_85424 IDT74CBTLV3126Q |
From old datasheet system LOW-VOLTAGE QUADRUPLE BUS SWITCH Adjustable Precision Shunt Regulator 8-PDIP 0 to 70 CBTLV/3B SERIES, 4-BIT DRIVER, TRUE OUTPUT, PDSO16
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
ACT-F128K32N-090F5I ACT-F128K32N-090F5Q ACT-F128K3 |
ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-PDIP 0 to 70 行为F128K32高兆位闪存多芯片模 Quadruple Bus Buffers With 3-State Outputs 14-SSOP 0 to 70 行为F128K32高兆位闪存多芯片模 Dual retriggerable monostable multivibrators 16-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-PDIP 0 to 70 Dual retriggerable monostable multivibrators 16-SO 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SOIC 0 to 70 Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70
|
http:// Aeroflex, Inc. Aeroflex Inc.
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AD7878LN AD7878LP |
SOTiny Low-Voltage, 8-Ohm Single Analog / Bus Switch IC LOGIC 125 LOW-VOLTAGE SINGLE FET 8-OHM BUS SWITCH -40 85C SC-70-5 3000/REEL
|
Analog Devices, Inc.
|
BZT52C7V5S BZT52C2V7S BZT52C2V4S BZT52C30S |
Hex Schmitt-Trigger Inverter 14-TSSOP -40 to 125 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Quadruple Bus Buffer Gate With 3-State Outputs 14-VQFN -40 to 125 表面贴装稳压二极 3-Line To 8-Line decoder/Demultiplexer 16-TVSOP -40 to 85 表面贴装稳压二极
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
HEF4104B HEF4104BD HEF4104BF HEF4104BN HEF4104BP H |
Quadruple low-to-high voltage translator with 3-state outputs Quadruple low to high voltage translator with 3-state outputs
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BA782S-GS08 |
PIN SWIT 35V 2PIN SOD-323 - Tape and Reel
|
Vishay Semiconductors
|
KIA78R06API KIA78R08API KIA78R05API KIA78R09API KI |
1A 4-Terminal Low Drop(ON/OFF Controllable) Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC Holdings
|
TC7SPN3125TU |
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
|
Toshiba Semiconductor
|