PART |
Description |
Maker |
TC1410N C1410COA C1410COA713 C1410CPA C1410CUA C14 |
The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. T 0.5A High-Speed MOSFET Drivers
|
http:// MICROCHIP[Microchip Technology]
|
FTD110F |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO SERIES Low forward voltage drop High reliability
|
FCI connector First Components International
|
FTD1200 |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO VALEO TYPE Low forward voltage drop High reliability
|
FCI connector First Components International
|
ADP223 ADP225 ADP222 ADP224 |
Dual, 300 mA Adjustable Output, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Adjustable Output, QOD, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Fixed Output, Low Noise, High PSRR Voltage Regulator Dual, 300 mA Fixed Output, QOD, Low Noise, High PSRR Voltage Regulator
|
Analog Devices
|
TC1SS244M |
300 mW DO-34 Hermetically Sealed Glass - High Voltage Switching Diodes
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MPSA42 MPSA42RL1G MPSA42RLRPG MPSA42RLRAG MPSA42G |
High Voltage Transistors Small Signal High Voltage NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 50 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor
|
C325C473JFR5TA7301 C325C473JGR5HA7301 C323C473MCR5 |
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
|
Kemet Corporation
|
SL24T1G |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236
|
ON Semiconductor
|
2SC4702 |
High breakdown voltage VCEO = 300 V Small Cob Cob = 1.5 pF Typ.
|
TY Semiconductor Co., L...
|
SL15T1 SL05T3 SL24T3 SL15T3 SL05T1 SL24T1 |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236 300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections From old datasheet system
|
ONSEMI[ON Semiconductor]
|
03P6MG 03P4MG 03P4MG-T |
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR 300mA high-withstanding-voltage mold SCR
|
NEC Electronics NEC Corp. NEC[NEC]
|