PART |
Description |
Maker |
0306ZC103KAT2A 0306ZC224KAJ2A 05085C471KAT2V 05085 |
CAP 0.01UF 10V 10% X7R SMD-0306 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 0.01 uF, SURFACE MOUNT, 0306 Low Inductance Capacitors Low Inductance Capacitors
|
AVX, Corp. AVX Corporation
|
LG126Z104MAT2S1 0306YC153KAT2A 03063C102KAT2A 0306 |
Low Inductance Capacitors
|
AVX Corporation
|
500B18W473KV4E 500B18Z471JV4E 250B18Z471JV4E 160B1 |
LOW INDUCTANCE CHIP CAPACITORS
|
List of Unclassifed Man... Johanson Dielectrics ETC List of Unclassifed Manufacturers
|
CLLE1AX7S0G225M-0.95 CLLE1AX7R0J105M CLLE1AX7R0J15 |
Ultra Low Inductance Capacitors
|
TDK Electronics
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
DFE18SANR47MG0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47ME0 DFE18SANR47ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
VN920-B5 VN920SOTR-E |
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY INDUCTOR, AXIAL, 12UH; Inductor type:Choke; Inductance:12uH; Tolerance, inductance: /-20%; Resistance:0.04R; Current, DC max:4A; Frequency, resonant INDUCTOR, AXIAL, 22UH; Inductor type:Choke; Inductance:22uH; Tolerance, inductance: /-20%; Resistance:0.07R; Current, DC max:3A; Frequency, resonant:110MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes
|
STMicroelectronics 意法半导
|
ELT5KT680LB ELT5KT220L ELT5KT150LB ELT5KT330LB |
Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
|
Panasonic Semiconductor
|
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|