PART |
Description |
Maker |
AQZ264 AQZ262 |
Power photoMOS relay (high capacity type). AC/DC type. Output rating: load voltage 400 V, load current 1.0 A. Power photoMOS relay (high capacity type). AC/DC type. Output rating: load voltage 60 V, load current 6.0 A.
|
Matsushita Electric Works(Nais)
|
FTR-K3-PV FTR-K3AB024W-PV |
POWER RELAY 1 POLE - High Capacity 32A Type
|
Fujitsu Component Limited.
|
SLA580BBT SLA580EDT SLA-580 SLA580BCT SLA580BDT SL |
High Brightness Type 5 Circular Type LED Lamps <Focus Type 2 1/2:12> High Brightness Type 5 Circular Type LED Lamps 280.1 Kbytes
|
Rohm CO.,LTD. ROHM[Rohm]
|
JV1-12V JV1PF-S-100V JV1PF-S-12V JV1PF-S-18V JV1PF |
JV-relay. Flat type power relay. 1 form C. Coil voltage 100 V DC. Sealed type. JV-relay. Flat type power relay. 1 form A, standard type. Coil voltage 100 V DC. Sealed type. JV-relay. Flat type power relay. 1 form A, standard type. Coil voltage 100 V DC. Flux-resistant type. JV-relay. Flat type power relay. 1 form A, hing capacity type. Coil voltage 100 V DC. Sealed type. JV-relay. Flat type power relay. 1 form A, hing capacity type. Coil voltage 100 V DC. Flux-resistant type. JV-relay. Flat type power relay. 1 form C. Coil voltage 100 V DC. Flux-resistant type.
|
Nais(Matsushita Electri... Mitsubishi Electric, Corp. Honeywell International, Inc. Nais(Matsushita Electric Works) Matsushita Electric Works(Nais)
|
PAS0815LN2R7205 |
Cylinder Type PAS Capacitor(High Reliability type)[LN series]
|
Taiyo Yuden (U.S.A.), I...
|
PAS1235LN2R7206 |
Cylinder Type PAS Capacitor(High Reliability type)[LN series]
|
Taiyo Yuden (U.S.A.), I...
|
2SC941 2SC941-O 2SC941-R 2SC941TM 2SC941-Y 2SC942 |
TRANSISTOR SILICON NPN EPIITAXIAL TYPE 晶体管型硅npn型EPIITAXIAL SMA MALE TO TNC MALE; 18GHz PRECISION TEST CABLE ASSEMBLY; WIDEBAND COVERAGE DC - 18 GHZ TEST CABLES. FLEXIBLE FOR EASY CONNECTION AND BEND RADIUS NPN EPITAXIAL TYPE (HIGH/ AM/ AM HIGH FREQUENCY AMPLIFIER CONVERTER APPLICATIONS) NPN EPITAXIAL TYPE (HIGH, AM, AM HIGH FREQUENCY AMPLIFIER CONVERTER APPLICATIONS) From old datasheet system
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
SLA-370MT SLA-370 SLA-370LT |
High Brightness Type PI 3.1 Circular Type LED Lamps 高亮度型有价证券投资3.1环型LED灯具 From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
BL-B4131N BL-B4541N BL-B4541Q BL-B3141Q BL-B2141Q |
High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 0R00 2010 100PPM IMAX=3A RMAX=0.02 5% SMD RESISTOR High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 STANDARD LED LAMPS Yellow, standard LED lamp (round type) Orange, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Hi-eff green, standard LED lamp (round type)
|
早安股份有限公司 ETC[ETC] YSTONE[Yellow Stone Corp]
|
535090-5 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 096 EURO TYPE C RECEPT ST ASSY ( AMP )
|
Tyco Electronics
|