PART |
Description |
Maker |
HMC1114LP5DETR EVL1HMC1114LP5D |
High output IP3: 44 dBm typical
|
Analog Devices
|
HMC5805ALS6TR |
High P1dB Output Power: 24.5 dBm
|
Analog Devices
|
DBM1915NP-R40 DBM1915NP-R33 DBM1915NP-R19 DBM1915N |
1 ELEMENT, 0.58 uH, GENERAL PURPOSE INDUCTOR ROHS COMPLIANT POWER INDUCTORS Type: DBM Series POWER INDUCTORS , Pin Type: DBM Series
|
Sumida, Corp. Sumida Corporation
|
TC105303ECT TC105333ECT TC105503ECT TC105 TC105303 |
The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) while delivering a typical ... The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) whiledelivering a typical efficiency of 92%. The TC105 normally operates in pulse width modulation mode (PWM), but automatically switches PFM/PWM Step-Down DC/DC Controller
|
MICROCHIP[Microchip Technology]
|
LTC3201 LTC5505-1 LTC5505-1ES5 LTC5505-2 LTC5505-2 |
RF Power Detector with Buffered Output and 40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range RF Power Detector with Buffered Output and >40dB Dynamic Range; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 300 MHz - 3000 MHz RF/MICROWAVE LINEAR DETECTOR, 18 dBm INPUT POWER-MAX
|
LINER[Linear Technology] Linear Technology, Corp.
|
V23990-P824-F10-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
M3500-0510 |
500-1000 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0612 |
600-1200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0305 |
300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0306 |
300-600 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
MCP6142 MCP6144 MCP6143 MCP6141 MCP6142-I/MS MCP61 |
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|