PART |
Description |
Maker |
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
MC145170D1 MC14517 MC74LVQ244SD MC74LVQ244 MC74LVQ |
LOW-VOLTAGE CMOS OCTAL BUFFER
|
MOTOROLA[Motorola, Inc]
|
74LVC244A |
Low-Voltage CMOS Octal Buffer
|
ON Semiconductor
|
74LVC574A 74LVC574ADTR2G |
Low-Voltage CMOS Octal Buffer Flow Through Pinout
|
ON Semiconductor
|
MC74LCX240 MC74LCX240DT MC74LCX240DW MC74LCX240M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL BUFFER
|
MOTOROLA[Motorola, Inc] ON Semiconductor
|
MC74LCX540DTR2G MC74LCX540DTG MC74LCX540DWR2G MC74 |
Low-Voltage CMOS Octal Buffer Flow Through Pinout
|
ON Semiconductor
|
74LVX541MTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.)WITH 5V TOLERANT INPUTS
|
SGS Thomson Microelectronics
|
MC74LCX540-D |
Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
MC74LCX240DTR2 MC74LCX24006 MC74LCX244DWG MC74LCX2 |
Low?Voltage CMOS Octal Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS Octal Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
|
ONSEMI[ON Semiconductor]
|
MC74LCX240DTR2 MC74LCX240DTR2G MC74LCX24006 MC74LC |
Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG715 ADG715BRU ADG714 ADG714BRU |
CMOS/ Low Voltage Serially-Controlled/ Octal SPST Switches (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86% CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|