PART |
Description |
Maker |
UT90NHBD |
Hardened-by-Design (HBD) Standard Cell
|
Aeroflex Circuit Techno...
|
TLE4207G TLE4207G-17 |
1-A Dual-HBD (Dual-Half-Bridge Driver)
|
Infineon Technologies A...
|
ISL70001ASEH |
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
|
Intersil
|
ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST32 |
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY Stratix FPGA 10K FBGA-672
|
STMicroelectronics ST Microelectronics
|
IRHN7150 JANSF2N7268U JANSH2N7268U IRHN3150 IRHN41 |
100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 600kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 300kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-1 package CORD, COILED, 10MM STUD-4MM SKT, 4M; Length, lead:4m RoHS Compliant: NA RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1) 抗辐射功率MOSFET表面贴装系统(SMD - 1
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRHNA57264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-2 package RADIATION HARDENED POWER MOSFET
|
International Rectifier
|
IRHM57264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE
|
IRF[International Rectifier]
|
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
AN202-1 AN202 |
Technical Consideration for Migrating CS5460-Based Design to CS5460A-Based Design From old datasheet system
|
Cirrus Logic
|
JANSR2N7392 PD-91394E MIL-PRF-19500 MIL-PRF-661 |
500V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
|
IRF[International Rectifier]
|
STP3NA100 STP3NA100FP |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN 老产品:不适合用于新设计中 N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
|
ST Microelectronics
|
SAE81C90 SAE81C91 SAE81C91N SAE81C90N |
Stand Alone Full CAN Controller Stand-alone CAN - Standalone full CAN controller
|
Infineon
|