PART |
Description |
Maker |
MBRF10H90 MBR10H100 MBR10H90 MBRB10H100 MBRB10H90 |
High Voltage Schottky Rectifiers, Forward Current 10A, Reverse Voltage 90 to 100V
|
VISAY[Vishay Siliconix]
|
SB10200 |
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics
|
SM10150D11 |
Voltage 150 V 10A Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
MBR10150FCT |
10A High Power Schottky Barrier Rectifiers
|
Shenzhen Luguang Electr...
|
MBR1040CT MBR10100CT MBR1060CT MBR1045CT MBR10200C |
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
SGC10CS-15 |
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
|
GOOD-ARK Electronics
|
FK20UM-5 |
Bench Power Supply; Output Voltage:16V; Output Current:10A; Number of Outputs:1; Calibrated:No; Display Technology:LED; Output Current Max:10A; Output Current Min:0A; Output Voltage Max:16V; Output Voltage Min:0V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
SBA100-04J |
40V/ 10A Rectifier 40V 10A Rectifier Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
10CTQ150 10CTQ150-1 10CTQ150S 10CTQ150STRL 10CTQ15 |
Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 150V 10A Schottky Common Cathode Diode in a TO-220AB package 150V 10A Schottky Common Cathode Diode in a TO-262 package 150V 10A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKY RECTIFIER 10 Amp Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Number of Pairs:2; Leaded Process Compatible:Yes; Features:Aluminium Foil Polyester Tape RoHS Compliant: Yes 肖特基整流器10安培
|
IRF[International Rectifier] International Rectifier, Corp.
|
SBLF10L25 SBL10L25 SBLB10L25 |
Low VF Schottky Barrier Rectifier Reverse Voltage 25V Forward Current 10A Low VF Schottky Barrier Rectifier VF肖特基整流器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
S10C40 S10C40C S10C60D S10C30 S10C30A S10C30C S10C |
SCHOTTKY BARRIER RECTIFIERS(10A/30-60V) SCHOTTKY BARRIER RECTIFIERS(10A,30-60V) 肖特基(10A30 - 60V的)
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
GRS-2012-2009 |
ROCKER SWITCH S.P.D.T. NOPOLAR, NO BARR
|
CW Industries
|