PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
BSR57 BSR56 BSR58 |
N-CHANNEL FETS RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 2:1 Wide Input Voltage Range; 10 Watts
|
NXP Semiconductors Philips Semiconductors
|
MAX811 MAX811EUS-T MAX811-MAX812 MAX812EUS-T MAX81 |
Microprocessor voltage monitor with manual reset input. Reset threshold voltage 4.38V Hex D-type Flip-Flops With Clear 16-CDIP -55 to 125 4-Pin レP Voltage Monitors with Manual Reset Input 4-Pin P Voltage Monitors with Manual Reset Input
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
BSS63 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 10 Watts EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
KEC Holdings KEC(Korea Electronics)
|
IR2130D IR2130DSCB |
Undervoltage lockout for all channels
|
International Rectifier
|
BUZ80 C67078-S1309-A2 |
RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; 4:1 Wide Input Voltage Range; 30 Watts SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MVS5000 |
Mashine vision strobe. Input voltage 11-15 VDC, input current 4.5 amps at 12 V (30Hz), flashlamp voltage 600 volts -3%, discharge power 43 watts(max).
|
PerkinElmer Optoelectronics
|
C10017 |
PSL-CBIL CIRCUIT BREAK LOCKOUT
|
PANDUIT CORP.
|