PART |
Description |
Maker |
PE6209 |
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
|
Pasternack Enterprises,...
|
PE6820 |
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
|
Pasternack Enterprises,...
|
PE6818 |
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
|
Pasternack Enterprises,...
|
PE6224 |
High Power 100 Watts RF Load Up To 8 GHz With TNC
|
Pasternack Enterprises,...
|
VE12HS-K VE-12H_MS5-K VE-12H5-K VE-12H5-K-HVVD VE- |
POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
|
http:// Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
JS-12ME-KTV3 |
POWER RELAY 1 POLE - 8A Medium Load Control
|
Fujitsu Component Limit...
|
FTR-LYAA005Y FTR-LYAA006Y FTR-LYAA005VSK FTR-LYAA0 |
POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
PE6802 PE6802-16 |
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
|
Pasternack Enterprises,...
|
PE6830 |
100 Watts WR-51 RF Load Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE6812 |
1 Watts Precision WR-51 RF Load Up To 22 GHz
|
Pasternack Enterprises, Inc.
|