PART |
Description |
Maker |
BUD44D2-D |
High Speed, High Gain Bipolar NPN Power Transistor with Integrated Collector-Emitter Diode and Built-in Efficient Antisaturation Network POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
|
ON Semiconductor
|
MJE16204 ON2016 |
From old datasheet system POWER TRANSISTORS 6.0 AMPERES 550 VOLTS-. VCES 45 AND 80 WATTS High and Very High Resolution Monitors
|
MOTOROLA[Motorola, Inc] ON Semi
|
AD015DYAA1-J21 FSP015-DYAA1 |
15 Watts Power Adapter High efficiency and reliability
|
Sparkle Power Inc.
|
PE6226 |
High Power 100 Watts RF Load Up To 8 GHz
|
Pasternack Enterprises,...
|
AD040-DGAA1-J25 AD04DGAA1-J21 FSP040-DGAA1 |
40 Watts Power Adapter High efficiency and reliability
|
Sparkle Power Inc.
|
AD120R-AAB-NOR FSP120-AAB |
120 Watts Power Adapter High efficiency and reliability
|
Sparkle Power Inc.
|
PTH32003 |
25 Watts/ 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid 25 Watts, 1.9-2.0 GHz 50-Ohm High-Gain Power Hybrid 25 Watts, 1.9.0 GHz 50-Ohm High-Gain Power Hybrid
|
ERICSSON[Ericsson] Ericsson Microelectronics
|
AD150-AHAN1-INTL FSP150-AHAN1 |
150 Watts Power Adapter High efficiency and reliability
|
Sparkle Power Inc.
|
PTB20031 |
40 Watts, 42070 MHz RF Power Transistor 40 Watts, 420-470 MHz RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PE6200 |
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
|
Pasternack Enterprises,...
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|