PART |
Description |
Maker |
303DMQ600 |
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
|
Sangdest Microelectroni...
|
NRC02ZO NRC04J560TRF NRC04J151TRF NRC01 NRC06F1002 |
Thick Film Chip Resistors METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
|
List of Unclassifed Manufacturers NIC-Components Corp. List of Unclassifed Man...
|
02013K4R7ABWTR 02013K4R7AASTR 02013K4R7AATTR 02013 |
High purity of electrodes for very low and repeatable Thin-Film Technology
|
AVX Corporation
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
TX7-705C-S-HP |
High precision SMD TCXO High frequency stability vs. temperature 0.10 ppm
|
QUARTZCOM the communications company
|
222212046472 120ATC 222212015102 222212015152 2222 |
Aluminum Capacitors Axial High Temperature, High Ripple Current
|
VISAY[Vishay Siliconix]
|
T591B686M006ATE070 T591B336M006ATE080 |
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
|
Kemet Corporation
|
BTA416Y-800B BTA416Y-800C BTA416Y-600B BTA416Y-600 |
16 A Three-quadrant triacs, insulated, high commutation, high temperature
|
NXP Semiconductors N.V.
|
AXIAL04271229E3 AXIAL04272688E3 AXIAL04271109E3 AX |
Aluminum Capacitors Axial High Temperature High Voltage for E.L.B.
|
Vishay Siliconix
|
BTA416Y-600B BTA416Y-600C BTA416Y-800B BTA416Y-800 |
16 A three-quadrant triacs insulated, high commutation, high temperature
|
NXP Semiconductors
|
TPSMC7.5 TPSMC7.5A TPSMC6.8A TPSMC6.8AHE3_57T TPSM |
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
|
Vishay Siliconix
|
3KASMC10AHE3_9AT 3KASMC14 3KASMC16 3KASMC17 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
|
VISAY[Vishay Siliconix]
|