PART |
Description |
Maker |
5PNR-3538Z 332PN-3489Z 332PN-3490Z 332PN-3491Z 332 |
Variable Coils Inductance Range(uH) = 56.0 Inductance Range(uH) = 82.0 Inductance Range(uH) = 120.0 Inductance Range(uH) = 470.0
|
http:// TOKO Inc. TOKO[TOKO, Inc] TOKO, Inc.
|
DFE18SANR47ME0 DFE18SANR47ME0-18 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
|
Murata Manufacturing Co...
|
PM105-390M-RC |
Power Inductor; Series:PM105; Inductance:39uH; Inductance Tolerance: /- 20 %; Self Resonant Frequency:12MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1.37A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-R |
Unshielded Surface Mount Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Lead RF Chokes RF Choke; Series:6000; Inductance:68uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:4.9MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.36A; DC Resistance Max:0.21ohm RF Choke; Series:6000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:20; Self Resonant Frequency:29MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.1A; DC Resistance Max:0.035ohm RF Choke; Series:6000; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:6.5MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.77A; DC Resistance Max:0.16ohm
|
NorComp Bourns Electronic Solutions BOURNS INC
|
1120-222K-RC 1120-1R2M-RC 1120-680K-RC 1120-681K-R |
RF Choke; Series:1120; Inductance:2.2mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.54ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:68uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.8A; DC Resistance Max:0.053ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.430ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:330uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.305ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.6A; DC Resistance Max:0.355ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1120; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:800mA; DC Resistance Max:1.26ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity
|
BOURNS INC Bourns Electronic Solut...
|
PM5022-2R2M-RC |
Power Inductor; Series:PM5022; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:7.1A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
PM127SH-561M-RC PM127SH-2R4N-RC |
1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:PM127SH; Inductance:2.4uH; Inductance Tolerance: 40, - 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:8A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
2117-V-RC 2112-RC 2111-RC 2120-V-RC 2122-RC 2108-H |
Toroidal Inductor; Series:2100; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.8A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Toroidal Inductor; Series:2100; Inductance:470uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.6A; DC Resistance Max:0.28ohm; Leaded Process Compatible:Yes 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.032ohm; Leaded Process Compatible:Yes; Resistance:32mohm 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:100uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.4A; DC Resistance Max:0.13ohm; Leaded Process Compatible:Yes High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Bourns Electronic Solut...
|
PM3340-100M-RC PM3340-102M-RC |
Power Inductor; Series:PM3340; Inductance:10uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:3.5A; DC Resistance Max:0.033ohm; Leaded Process Compatible:Yes Power Inductor; Series:PM3340; Inductance:1mH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.1A; DC Resistance Max:2.0ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM0805-2N2M-RC PM0805-R47K-RC |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:470nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:650MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:170mA
|
BOURNS INC
|
BOURNSINC-SRU1028-1R0Y SRU1028-3R3Y SRU1028-1R5Y |
Power Inductor; Series:SRU1028; Inductance:3.3uH; Inductance Tolerance: /- 30 %; DC Current Rating:4.60A; Q Factor:14; Self Resonant Frequency:55MHz; Package/Case:1028; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR/RI Power Inductor; Series:SRU1028; Inductance:1.5uH; Inductance Tolerance: /- 30 %; DC Current Rating:6.50A; Q Factor:12; Self Resonant Frequency:80MHz; Package/Case:1028; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR/RI
|
BOURNS INC
|